PART |
Description |
Maker |
2SC3243 |
TO-92MOD PLASTIC-ENCAPSULATE TRANSISTORS - ContinuousShort Circuit Protection ( /P-Suffix) ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀
|
List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc.
|
GBPC3510 GBPC35005 GBPC3501 GBPC3502 GBPC3504 GBPC |
Dual General-Purpose Operational Amplifier 8-SO 0 to 70 ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀 SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
|
Shanghai Sunrise Electronics Co., LTD. SSE[Shanghai Sunrise Electronics]
|
PI5C3251 PI5C3251L PI5C3251LE PI5C3251Q PI5C3251QE |
8:1 Mux/DeMux BusSwitch ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix)
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation] Pericom Semiconductor Corp.
|
MC34118 MC34118DW MC34118P |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) VOICE SWITCHED SPEAKERPHONE CIRCUIT
|
Motorola, Inc.
|
MC3358P1 MC3458 MC3458D MC3458P1 MC3358 ON1120 MC3 |
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS From old datasheet system DUAL OP-AMP, 12000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO8 ECONOLINE: RSZ/P - 1kVDC
|
MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
AT24C32AW-10SI-1.8 AT24C64AW-10SI-1.8 AT24C32AW-10 |
2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8) CTV 3C 3#20 PIN WALL RECP The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each ECONOLINE: RSZ/P - 1kVDC 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 VARSITOR 11VRMS 0805 SMD 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
ATMEL Corporation Atmel Corp. Atmel, Corp. http://
|
BYT54M BYT54J BYT54 BYT54A BYT54B BYT54D BYT54G BY |
ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% Fast Silicon Mesa Rectifiers FastSiliconMesaRectifiers
From old datasheet system
|
Vishay Intertechnology,Inc. Vishay Telefunken VISAY[Vishay Siliconix]
|
C431T C431 C431E C431M C431N C431P C431PA C431PB C |
ECONOLINE: RU - Twin Independent Outputs- Output/Output Isolation 1kVDC- Power Sharing on Outputs- Input/Output Isolation 1kVDC- No Heatsink Required Phase Control SCR 450-600 Amperes Avg 500-1800 Volts 1800V, 600A phase control single thyristor
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
REC5-1215SRWZ REC5-1215SRW REC5-1212SRWZ REC5-1212 |
5W DC/DC converter with 68V input, -12V/ -230mA output, 2kV isolation ECONOLINE - DC/DC - CONVERTER
|
RECOM[Recom International Power] RECOM Power Inc.
|
LTC1198-1ACS8 LTC1198-1BCS8 LTC1196-2BCS8 LTC1196- |
ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 8位,SO - 8封装,带自动1MSPS ADC的关断选项 ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
|
http:// Linear Technology, Corp. Linear Technology Corporation
|