PART |
Description |
Maker |
M27V256 M27V256-100B1TR M27V256-100B6TR M27V256-10 |
NND - 256 KBIT (32KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 18-Bit Universal Bus Transceiver With 3-State Outputs 56-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-TSSOP -40 to 85 256千位2KB × 8低压紫外线可擦写可编程只读存储器和OTP存储
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
74LCX821 74LCX821MTC 74LCX821MSA 74LCX821WM 74LCX8 |
Low Voltage 10-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs From old datasheet system 10-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
M27V201 M27V201-100B1TR M27V201-100B6TR M27V201-10 |
2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 2兆位56Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 48-TSSOP -40 to 85 2兆位56Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 2兆位56Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 48-TSSOP -40 to 85 2兆位256Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 2兆位256Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2兆位256Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Buffers/Drivers With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 48-TVSOP -40 to 85 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 Fuse Holder; Mounting Type:PC Board; For Use With:PC Board Fuses; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Voltage Rating, AC:250V; Voltage Rating, DC:450V; Accessory Type:Mounting Socket 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-TVSOP -40 to 85 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-TSSOP -40 to 85 16 Mbit 2Mb x8 or 1Mb x16 Low Voltage UV EPROM and OTP EPROM NND - 2 MBIT (256KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
74VCXH162373 6896 74VCXH162373TTR |
LOW VOLTAGE 16-BIT D-TYPE LATCH (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS From old datasheet system LOW VOLTAGE 16-BIT D-TYPE LATCH (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMicroelectronics
|
74VCXH162374 6899 74VCXH162374TTR |
LOW VOLTAGE 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS From old datasheet system LOW VOLTAGE 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMicroelectronics
|
74VCX16374 |
Low-Voltage 1.8/2.5/3.3V 16-Bit D-Type Flip-Flop
|
ON Semiconductor
|
HT47C20L05 |
R-F Type Low Voltage 8-Bit Mask MCU
|
Holtek Semiconductor Inc
|
TC514101AJ-60 TC514101AP TC514101AP-60 TC514101ASJ |
Voltage Regulator IC; Package/Case:3-TO-220; Supply Voltage:-35V; Output Current:1A; Output Voltage:-15V; Voltage Regulator Type:Negative Voltage; Mounting Type:Through Hole 4,194,304 WORD x 1 BIT DYNAMIC RAM
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
MC74LCX16240DTR2 MC74LCX16244DTG MC74LCX16244DTR2 |
Low?Voltage CMOS 16?Bit Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low?Voltage CMOS 16?Bit Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low?Voltage CMOS 16?Bit Transceiver With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low?Voltage CMOS 16?Bit Transparent Latch With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low−Voltage CMOS 16−Bit D−Type Flip−Flop With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting) Low?Voltage CMOS 16?Bit D?Type Flip?Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting)
|
ONSEMI[ON Semiconductor]
|
74VCX16373-D 74VCX16373DT |
8-Bit D-Type Latch 8位D型锁存器 Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch With 3.6V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
TC74VCX162841FT07 |
Low-Voltage 20-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
|
Toshiba Semiconductor
|