PART |
Description |
Maker |
AM29SL800CT150WBC AM29SL800CB120EI AM29SL800CB120E |
CAP 150UF 6.3V 20% TANT SMD-7343-30 TR-7 Quad 2-Input NOR Gates 14-SOIC -55 to 125 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 IC LOGIC 1G79 SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP -40 85C SOT-23-5 3000/REEL 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 120 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 16-Bit Buffer/Line Driver, OE Active Low
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
74LCXH16245 74LCXH16245G 74LCXH16245MTD 74LCXH1624 |
BUS TRANSCEIVER|DUAL|8-BIT|LCX-CMOS|BGA|54PIN|PLASTIC LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA54 Low Voltage 16-Bit Bidirectional Transceiver with Bushold Low Voltage 16-Bit Buffer/Line Driver with Bushold
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MC74LCX16240A MC74LCX16240DT |
Low-Voltage CMOS 16-Bit Buffer With 5V-Tolerant Inputs and Outputs
|
Motorola, Inc
|
74LCX16244A |
Low Voltage CMOS 16-Bit Buffer (3-State) with 5V Tolerant Inputs and Outputs(三态低电压16位总线收发
|
意法半导
|
MC74LCX16244-D |
Low-Voltage CMOS 16-Bit Buffer With 5 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
74VCX16244 74VCX16244TTR |
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
STMicroelectronics
|
74VCX162240TTR |
LOW VOLTAGE CMOS 16-BIT BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics
|
74LCX16244 74LCX16244TTR |
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
STMicroelectronics
|
MC74LCX16240DT ON1547 MC74LCX16240 |
From old datasheet system Low-Voltage CMOS 16-Bit Buffer With 5V-Tolerant Inputs and Outputs
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
74LCX162244 74LCX162244TTR |
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMicroelectronics
|
74LCX16240 74LCX16240TTR |
Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
|
STMicroelectronics
|