PART |
Description |
Maker |
74LVT162240 74LVT162240MEA 74LVT162240MTD 74LVTH16 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 12-Bit Asynchronous Binary Counters 16-TSSOP -40 to 85 Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25Series Resistors in the Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25 Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74VCXH162240 74VCXH162240MTD 74VCXH162240MTX |
Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26ヘ Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26Ω Series Resistors in Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74VCX16244DT 74VCX16244DTR 74VCX16244 |
Low-Voltage 1.8/2.5/3.3V 16-Bit Buffer With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting) Low-Voltage 1.8V/2.5V/3.3V 16-Bit Buffer
|
ONSEMI[ON Semiconductor]
|
74ALVC162240 74ALVC162240T 74ALVC162240TX |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26з Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74ALVCH16245-D |
Low-Voltage 16-Bit Transceiver with Bus Hold 1.8/2.5/3.3 V (3-State, Non-Inverting)
|
ON Semiconductor
|
74ALVC16240-D 74ALVC16240/D |
Low-Voltage 1.8/2.5/3.3 V 16-Bit Buffer With 3.6 V-Tolerant Inputs and Outputs (3-State, Inverting)
|
ON Semiconductor
|
74LVT16240 74LVT16240MEA 74LVT16240MTD 74LVTH16240 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCX16240 74VCX16240MTD |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCX16373-D 74VCX16373DT |
8-Bit D-Type Latch 8位D型锁存器 Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch With 3.6V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
74VCXH162240MTD 74VCXH162240MTX |
Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26 Ohm Series Resistors in Outputs
|
Fairchild Semiconductor
|
SP682EN SP682EP SP682EU SP682CU SP682CN SP682CP SP |
Micro Power Inverting Charge Pump Ultra-Low Power Inverting Voltage Doubler
|
SIPEX[Sipex Corporation]
|