PART |
Description |
Maker |
2SK0601 2SK601 |
Small-signal device - Small-signal FETs - MOS FETs From old datasheet system
|
Panasonic
|
2SJ0672 |
Small-signal device - Small-signal FETs - MOS FETs
|
Panasonic
|
2SK3546J |
Small-signal device - Small-signal FETs - MOS FETs
|
Panasonic
|
2SK2593J |
Small-signal device - Small-signal FETs - Junction FETs
|
Panasonic
|
2SK3396 |
Small-signal device - Small-signal FETs - Junction FETs
|
Panasonic
|
2SK2751 |
Silicon Junction FETs (Small Signal)
|
Matsshita / Panasonic
|
AIDL9 AIDL45 AIDL5J SIDM17 SIDM13 HCMDL20 ACMDL20G |
Logic IC 10-Bit, 125Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 32; Temperature Range: 0°C to 70°C Small-Signal MOS FETs (Dual); Surface Mount Type: Y; Package: UF6; Number of Pins: 6; Internal connection: Independent; V_DS(Q1), max (V): (max 30); V_GSS(Q1), max (V): (max ±12); I_D Q1, max (mA): (max 500) Small-Signal MOS FETs (Dual); Surface Mount Type: Y; Package: ES6; Number of Pins: 6; Internal connection: Independent; V_DS(Q1), max (V): (max 20); V_GSS(Q1), max (V): (max /-10); I_D Q1, max (mA): (max 100) Small-Signal MOS FETs (Dual); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; Internal connection: Independent; Comments Frequency Switching Power Transistor; Application Scope: switching; Part Number: 2SA1736; H_FE: (min 120 @V_CE=2V, I_C=0.1A) (max 400 @V_CE=2V, I_C=0.1A) Junction FETs (Single); Surface Mount Type: Y; Package: VESM2; Number of Pins: 3; Comments: General-purpose; I_DSS, min (mA): (min 0.08) (max 0.48); I_DSS, max (mA): (min 1.4); |Yfs|, min (mS): (max -20) High-Frequency Switching Power Transistors (2SA Series); Surface Mount Type: Y; Package: PW-MOLD; Number Of Pins: 3; Publication Class: High Frequency Switching Power Transistor; Application Scope: power amplification; Part Number: 2SA1241 逻辑IC Small-Signal MOS FETs (Dual); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; Internal connection: Independent; V_DS(Q1), max (V): (max 30); V_GSS(Q1), max (V): (max /-20); I_D Q1, max (mA): (max 400) 逻辑IC High-Frequency Switching Power Transistors (2SA Series); Surface Mount Type: N; Package: LSTM; Number Of Pins: 3; Viewing Angle: radial taping; Publication Class: High Frequency Switching Power Transistor; Part Number: 2SA966 逻辑IC Junction FETs (Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; Comments: General-purpose; I_DSS, min (mA): (min 5) (max 30); I_DSS, max (mA): (min 25); |Yfs|, min (mS): (max -40) 逻辑IC Junction FETs (Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; Comments: Low-noise; I_DSS, min (mA): (min 0.3) (max 6.5); I_DSS, max (mA): (min 1.2); |Yfs|, min (mS): (max -50)
|
Bourns, Inc. ANADIGICS, Inc. ITT, Corp.
|
2N2837 2N2242 2N2501 2N2377 2N2378 2N2539 2N2509 2 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 800 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Thermal Transfer Label Printer Tape; Color:White; External Height:.31"; Material:Polyolefin; Print-On Area:100ft 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
CENTRAL[Central Semiconductor Corp] ETC Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
JF1033 JF1033B JF1033Y JF1033S JF1033X |
From old datasheet system SMALL-SIGNAL TRANSISTOR,FETs AND DIODE
|
Motorola, Inc. MOTOROLA[Motorola, Inc]
|
IXTZXXNXX IXTHXXNXX |
(IXTMxxxx) MOS FETs (IXTHxxxx) MOS FETs
|
IXYS
|
PU61C56 |
Power Transistor Array (F-MOS FETs) - Silicon N-Channel Power F-MOS (with built-in zener diode)
|
Panasonic
|
|