PART |
Description |
Maker |
36-00036-D1 36-00036 |
INDUCTOR TOROID 1MH 4A 1.68 DUA X .65 WIDE 电感环型1MHA 1.68杜亚X 0.65
|
Vicor, Corp. VICOR[Vicor Corporation]
|
ISL3332 ISL3332IAZ ISL3333IRZ |
3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers; Temperature Range: -40°C to 85°C; Package: 28-SSOP DUAL LINE TRANSCEIVER, PDSO28 3.3V, ±15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers 3.3V, 隆戮15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
|
Intersil, Corp. Intersil Corporation
|
MAX4714 MAX4714EXT-T |
0.8? Low-Voltage, Single-Supply SPDT Analog Switch in SC70 0.8, Low-Voltage, Single-Supply SPDT Analog Switch in SC70 0.8з, Low-Voltage, Single-Supply SPDT Analog Switch in SC70 0.8-Ohm, Low-Voltage, Single-Supply SPDT Analog Switch in SC70 0.8 / Low-Voltage / Single-Supply SPDT Analog Switch in SC70
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADM6384YKS26D3Z-R7 ADM6384YKS23D3Z-R7 |
Microprocessor Supervisory Circuit in 4-Lead SC70; Package: SC70; No of Pins: 4; Temperature Range: Automotive 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
|
Analog Devices, Inc.
|
2SC1573B 2SC1573A 2SC1573 2SC1573BQ 2SC1573AP 2SC1 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 400V五(巴西)总裁|提供70mA一(c)|2 TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 70MA I(C) | TO-92 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
Panasonic, Corp. Matsshita / Panasonic
|
2SC1600D 2SC1642D NE57510 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 20V的五(巴西)总裁|毫安一(c)|希捷- M3 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 250MA I(C) | TO-46
|
Sanyo Denki Co., Ltd.
|
STEVAL-CCA022V1 |
Demonstration board for single op-amps in SC70 or SOT-23 packages
|
ST Microelectronics STMicroelectronics
|
MAX9620AXK MAX9619AXT MAX961710 MAX9617AXT MAX9618 |
Single/Dual SC70, Zero-Drift, High-Efficiency, 1.5MHz Op Amps with RRIO
|
Maxim Integrated Products
|
ISL6520ACB ISL6520EVAL1 ISL6520A ISL6520ACBZ ISL65 |
Adjustable Precision Shunt Regulator 6-SC70 -40 to 125 Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
|
INTERSIL[Intersil Corporation]
|
CD40160 CD40160BMS CD40161 CD40161BMS CD40162 CD40 |
Single 2-Input Positive-AND Gate 5-SC70 -40 to 85 同步可编程的CMOS 4位计数器 CMOS Synchronous Programmable 4-Bit Counters From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|