PART |
Description |
Maker |
MC33363B MC33363BP |
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR Isolated Flyback Switching Regulator with 9V Output 1 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDIP13
|
Motorola ON Semiconductor
|
NCP1000 NCP1001P NCP1002P NCP1000P NCP1001 NCP1002 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 2 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PDIP8 (NCP1000 - NCP1002) Integrated Off-Line Switching Regulator
|
ONSEMI[ON Semiconductor]
|
LT1370HVCRTRPBF |
Isolated Flyback Switching Regulator with 9V Output 10 A SWITCHING REGULATOR, 580 kHz SWITCHING FREQ-MAX, PSSO7
|
Linear Technology, Corp.
|
LT1766 LT1766EGN-5 LT1766IGN-5 LT1766EFE-5 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulators 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator 5.5V to 60V 1.5A/ 200kHz Step-Down Switching Regulator RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 228 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology Corporation Linear Technology, Corp.
|
LM2576D2T-3.3 LM2576T-ADJ LM2576D2TR4-5G LM2576D2T |
3.0 A, 15 V, Step−Down Switching Regulator 3.0 A, 15 V, Step?Down Switching Regulator 3.0 A, 15 V, Step−Down Switching Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 3.0 A, 15 V, Step−Down Switching Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PZFM5 3.0 A, 15 V, Step-Down Switching Regulator(3.0A,15V,???????崇ǔ???)
|
Rectron Semiconductor http://
|
LM2574DW-ADJ LM2574N-15 LM2574N-3.3 LM2574N-5 MOTO |
Dust cover; HRS No: 222-0135-3 00; No. of Positions: 6; Operating Temperature Range (degrees C): -25 to 60; General Description: Dust cover; Natural 1.8 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDIP8 EASY SWITCHER 0.5 A STEP-DOWN VOLTAGE REGULATOR 1.8 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDSO16
|
MOTOROLA INC ON Semiconductor
|
BA9743AFV A5801070 |
Regulator LSIs > Switching regulator 2-channel switching regulator controller From old datasheet system
|
ROHM[Rohm]
|
BA9736 BA9736KV A5801101 |
Regulator LSIs > Switching regulator From old datasheet system 6-channel switching regulator controller
|
ROHM[Rohm] http://
|
MAX638 MAX638ACPA MAX638ACSA MAX638AEPA MAX638AESA |
Isolated Flyback Switching Regulator with 9V Output 0.525 A SWITCHING REGULATOR, 65 kHz SWITCHING FREQ-MAX, PDIP8 Circular Connector; Body Material:Aluminum Alloy; Series:KPT02; No. of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin From old datasheet system 5V/Adjustable CMOS Step-down Switching Regulator
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
2SK2608 |
Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR APPLICATIONS)
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|