PART |
Description |
Maker |
MAX4420 MAX4420CPA MAX4420CSA MAX4420EPA MAX4420ES |
High-Speed, 6A MOSFET Driver (Noninverting) High-Speed, 6A Single MOSFET Drivers High-Speed / 6A Single MOSFET Drivers
|
MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor
|
TC4429VPA TC4420_04 TC4420CAT TC4420CG TC4420CJA T |
The TC4420/4429 are 6A (peak),single output MOSFET drivers. The TC4429 is an inverting driver (pin-compatible with the TC429), while ... 6A High-Speed MOSFET Drivers
|
MICROCHIP[Microchip Technology]
|
MIC44F1811 MIC44F19 MIC44F20YMME MIC44F20YML MIC44 |
6A, 13V High Speed MOSFET Drivers with Enable Input IC,SM DRIVER, MOSFET, 6AIC,SM DRIVER, MOSFET, 6A; Base number:44 6 A BUF OR INV BASED MOSFET DRIVER, PDSO8 6A, 13V High Speed MOSFET Drivers with Enable Input
|
Micrel Semiconductor, Inc.
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
TC1411_06 C1411COA C1411COA713 C1411CPA C1411CUA C |
1A High-Speed MOSFET Drivers 1 A BUF OR INV BASED MOSFET DRIVER, PDIP8
|
MICROCHIP[Microchip Technology] http://
|
TC1412_03 C1412COA C1412COA713 C1412CPA C1412CUA C |
2A High-Speed MOSFET Drivers
|
MICROCHIP[Microchip Technology]
|
TC1413CPA TC1413EOA TC1413NCPA TC1413NEPA TC1413 T |
3A HIGH-SPEED MOSFET DRIVERS
|
TELCOM[TelCom Semiconductor, Inc]
|
TC141013 |
0.5A High-Speed MOSFET Drivers
|
Microchip Technology
|
TC1413_03 C1413COA C1413COA713 C1413CPA C1413CUA C |
3A High-Speed MOSFET Drivers
|
MICROCHIP[Microchip Technology]
|
TC4424AVOA713 TC4424AVMF |
3A Dual High-Speed Power MOSFET Drivers 3 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, PDSO8
|
Microchip Technology
|
MCP1406T-E/AT MCP1406-E/PA MCP1407-E/AT MCP1406-E/ |
6A High-Speed Power MOSFET Drivers
|
Microchip Technology Inc.
|
TC4451 TC4451VAT TC4451VMF TC4451VMF713 TC4451VOA |
12A High-Speed MOSFET Drivers
|
Microchip Technology
|