PART |
Description |
Maker |
T8100 |
H.100/H.110 Interface and Time-Slot Interchanger
|
AGERE[Agere Systems]
|
TOP101AI TOP103YA TOP102YI TOP100-4 TOP101YAI TOP1 |
Three-terminal Off-line PWM Switch Analog IC CONNECTOR ACCESSORY 连接器附 0-60 W TOPSwitch using a 100/110 VAC input 0-60糯的TOPSwitch使用100/110 VAC输入
|
Power Integrations Inc. Power Integrations, Inc. Bourns, Inc.
|
MT90866 |
4,096 x 2,432 Channels Flexible Digital Switch with H.110 Interface
|
Zarlink Semiconductor
|
FE-110 |
(FE-100 / FE-110) Digital Camera
|
Olympus
|
X50UFG X100UFG X25UFG |
2,500 V - 10,000 V Rectifiers 100 mA - 250 mA Forward Current 100 ns Recovery Time
|
VMI[Voltage Multipliers Inc.]
|
AD9883 |
Highly Integrated Graphics Interface Chip Includes Three 8-Bit/110 MSPS ADCs
|
Analog Devices
|
T-8110L |
Ambassador? T8110L H.100/H.110 Switch
|
Agere Systems
|
74320-4016 0743204016 |
MicroCross DVI-D Digital Visual Interface, PCB Receptacle, Polyester (PCT), PanelMount, Through Hole, Right Angle, Gold (Au) Flash, 2.79mm (.110) PC Tail Length, MicroCross垄芒 DVI-D Digital Visual Interface, PCB Receptacle, Polyester (PCT), PanelMount, Through Hole, Right Angle, Gold (Au) Flash, 2.79mm (.110") PC Tail Len
|
Molex Electronics Ltd.
|
MAX535 MAX5351ACPA MAX5351ACUA MAX5351AEPA MAX5351 |
Low-Power 13-Bit Voltage-Output DACs with Serial Interface Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:23-35 RoHS Compliant: No Low-Power / 13-Bit Voltage-Output DACs with Serial Interface Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDSO8 Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDIP8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
SUM110N10-08 |
110 A, 100 V, 0.0085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263
|
VISHAY SILICONIX
|
AD9883ABST-RL140 AD9883ABST-RL110 AD9883A |
110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
|
Analog Devices
|