PART |
Description |
Maker |
LTC1147 LTC1147-3.3 LTC1147-5 LTC1147C LTC1147CN8- |
OCTAL BUS TRANSCEIVER O.C. 20-SOIC 0 to 70 SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO8 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS From old datasheet system High Efficiency Step-Down Switching Regulator Controllers
|
Linear Technology, Corp. 稳压 Linear Technology Corporation
|
2SC4157 E000909 |
From old datasheet system NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS) SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor]
|
2SC5172 E001056 |
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS) From old datasheet system SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
|
Toshiba Semiconductor
|
2SC3376 E000838 |
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS) From old datasheet system SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
|
Toshiba Semiconductor
|
2SK3084 EA09398 |
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) N通道马鞍山型(高速,大电流开关,斩波调压器,DC - DC变换器和电机驱动应用 HIGH SPEED, HIGH VOLTAGE SWITCHING APPLICATIONS From old datasheet system
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
BUL741 |
The device is manufactured using high voltage Multi-Epitaxial Planar technology for high switching s High voltage fast-switching NPN Power Transistor
|
ST Microelectronics, Inc. STMicroelectronics
|
MB3778P |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 0.075 A DUAL SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDIP16 Switching Regulator Controller
|
Fujitsu, Ltd. Fujitsu Component Limited.
|
2SC2555 |
TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING AND HIGH SPEED DC-DC CONVERTER APPLICATIONS
|
TOSHIBA
|
MC3416705 MC34167TVG MC33167 MC33167D2T MC33167D2T |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 8 A SWITCHING REGULATOR, 81 kHz SWITCHING FREQ-MAX, PSFM5 5.0 A, Step−Up/Down/Inverting Switching Regulators
|
ONSEMI[ON Semiconductor]
|
2SC4346-Z 2SC4346 |
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH SPEED SWITCHING HIGH VOLTAGE SWITCHING
|
NEC
|
2SC2552 |
TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE (PCT PROCESS) SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS.
|
TOSHIBA
|