PART |
Description |
Maker |
FA1F4Z FA1F4ZL65 FA1F4Z-L FA1F4Z-T2B |
Compound transistor MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR MINI MOLD TRANSISTOR | 60V V(BR)CEO | 100MA I(C) | SOT-346
|
NEC Corp.
|
50N06-TA3-T 50N06-TF3-T 2SA102005 2SA1797-X-AA3-R |
SILICON PNP EPITAXIAL TRANSISTOR 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR SILICON PNP EPITAXIAL TRANSISTOR 进步党硅外延晶体 REVERSIBLE MOTOR DRIVER NPN EPITAXIAL PLANAR TRANSISTOR HIGH CURRENT SWITCHIG APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS HIGH VOLTAGE NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR NPN SILICON TRANSISTOR HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA) HIGH-FREQUENCY AMPLIFIER TRANSISTOR AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR SILICON PNP TRANSISTOR LOW FREQUENCY PNP TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR PNP EPITAXIAL PLANAR TRANSISTOR 50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
2N2369AU 2N2369AUA 2N2369AUB 2N4449 2N4449UA 2N444 |
NPN SILICON SWITCHING TRANSISTOR 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-206AB NPN BIPOLAR TRANSISTOR NPN Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
SPP12N50C3 SPI12N50C3 SPA12N50C3 SPB12N50C3 |
Cool MOSPower Transistor 酷马鞍山⑩功率晶体管 for lowest Conduction Losses & fastest Switching COOL MOS⒙ POWER TRANSISTOR Cool MOS⑩ Power Transistor Cool MOS Power Transistor Cool MOS?/a> Power Transistor
|
INFINEON[Infineon Technologies AG]
|
IPB100N08S2-07 IPI100N08S2-07 IPP100N08S2-07 SP000 |
OptiMOSPower-Transistor 的OptiMOS㈢功率晶体管 OPTIMOS⑶ POWER-TRANSISTOR OptiMOS㈢ Power-Transistor OptiMOS? Power-Transistor
|
INFINEON[Infineon Technologies AG]
|
2SA20881 2SB11321 2SB11841 2SB1198K1 2SB12601 2SB1 |
Medium power transistor (?60V, ?0.5A) Medium Power Transistor (?32V,?1A) Power Transistor (?60V, ?3A) Low-frequency Transistor (-80V, -0.5A) Power Transistor (?80V, ?1A) Low VCE(sat) Transistor (?20V, ?3A) Power transistor (?20V, ?2A) General purpose amplification (?30V, ?1A) Low frequency amplifier Medium power transistor (−60V, −0.5A)
|
ROHM[Rohm]
|
KTC1008 KTC1008GR KTC1008-15 |
EPITAXIAL PLANAR NPN TRANSISTOR General Purpose Transistor 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
KEC(Korea Electronics) Korea Electronics (KEC)
|
GN1A4Z GN1A4Z-T2 GN1A4Z-T1 GN1A4ZM67 |
TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SOT-323 晶体管| 50V五(巴西)总裁| 100mA的一(c)|的SOT - 323 MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR Hybrid transistor
|
NEC, Corp.
|
2SD773 2SD773U4 2SD773-L2-AZ |
2000 mA, 16 V, NPN, Si, SMALL SIGNAL TRANSISTOR TRANSISTOR | BJT | NPN | 16V V(BR)CEO | 2A I(C) | TO-221VAR NPN SILICON TRANSISTOR From old datasheet system
|
NEC Corp. NEC[NEC]
|
IPP100N04S2-04 IPB100N04S2-04 SP0002-19061 SP0002- |
OptiMOSPower-Transistor 的OptiMOS㈢功率晶体管 OptiMOS? Power-Transistor OptiMOS㈢ Power-Transistor 100 A, 40 V, 0.0036 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB GREEN, PLASTIC, TO-220, 3 PIN
|
Infineon Technologies AG
|
IPB100N08S2L-07 IPP100N08S2L-07 SP0002-19052 SP000 |
100 A, 75 V, 0.0068 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB OptiMOS? Power-Transistor OptiMOS㈢ Power-Transistor OptiMOSPower-Transistor
|
Infineon Technologies AG
|