PART |
Description |
Maker |
SC28L198 SC28L198A1 SC28L198A1A SC28L198A1BE SC28L |
Octal UART for 3.3V and 5V supply voltage
|
PHILIPS[Philips Semiconductors]
|
XR16L788IQ XR16L788 XR16L788CQ |
HIGH PERFORMANCE OCTAL UART
|
EXAR[Exar Corporation]
|
SC28L198 SC28L198_5 |
Octal UART for 3.3V and 5V supply From old datasheet system
|
Philips
|
XR17V358 XR17V358IB176-F |
HIGH PERFORMANCE OCTAL PCI EXPRESS UART
|
Exar Corporation
|
HD-6402_883 HD-6402883 HD1-6402R_883 HD1-6402B_883 |
UART, 125/500 Baud, CMOS, 883 Compliant CMOS Universal Asynchronous Receiver Transmitter (UART)
|
INTERSIL[Intersil Corporation]
|
MCP2120-I MCP2120T-I/SL MCP2120-I/P MCP2120-I/SL |
The MCP2120 is a low-cost, high-performance, fully-static infrared encoder/decoder. This device sits between a UART and an infrared (IR) optical transceiver The data received from a standard UART is encoded (modulated), and output as elect MCP2120 is a low-cost, high-performance, fully-static infrared encoder/decoder. This device sits between a UART and an infrared (IR) ... IC,ENCODER/DECODER, TELECOMM/DATACOMM,CMOS,SOP,14PIN,PLASTIC
|
Microchip Technology Inc
|
81C17 COM81C17 |
TWENTY PIN UART (TPUART) TWENTY PIN UART (TPUART) 第二十七密码器(UART TPUART
|
SMSC[SMSC Corporation] ETC SMSC, Corp.
|
IDT71256 IDT71256L IDT71256L100D IDT71256L100DB ID |
Precision Adjustable (Programmable) Shunt Reference 8-CDIP -55 to 125 的CMOS静态RAM 256K2K的8位) Dual Pulse-Width-Modulation Control Circuit 16-SSOP 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 25 ns, CDIP28 Single UART with 16-Byte FIFOs and Auto Flow Control 44-PLCC 0 to 70 的CMOS静态RAM 256K2K的8位) CABLE SMA/SMA 36 RG-142 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 120 ns, CDIP28 Dual-Channel Pulse-Width-Modulation (PWM) Control Circuit 16-SSOP -20 to 85 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDSO28 CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDIP28 Replaced by TL16C550C : Single UART with 16-Byte FIFO 40-PDIP 0 to 70 Single UART with 16-Byte FIFOs and Auto Flow Control 48-LQFP 0 to 70 1.8-V to 5-V Dual UART with 16-Byte FIFOs 48-TQFP 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFO 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC -40 to 85 Quad Pulse-Width-Modulation Control Circuit 48-LQFP -20 to 75 CMOS Static RAM 256k ( 32k X 8-bit )
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Technolog...
|