PART |
Description |
Maker |
ISL9104IRUNZ-T ISL9104AIRUNZ-T ISL9104 ISL9104A IS |
500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
|
Intersil Corporation
|
LTC3251 3251I |
500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter From old datasheet system
|
Linear
|
LTC3630AEMSE LTC3630EMSE |
High Efficiency High Voltage 500mA Synchronous Step-Down Converter
|
Linear Technology
|
LTC3630 LTC3631 LT3990 LTC3642 LTC3104 LTC3103 LTC |
High Efficiency, 65V 500mA Synchronous
|
Linear Technology
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
MAX17501 |
60V, 500mA, Ultra-Small, High-Efficiency,Synchronous Step-Down DC-DC Converter
|
Maxim Integrated Products
|
AM2149-70PCB AM2149-70DCB AM2149-70LCB AM21L48-55D |
x4 SRAM Dual 100MHz Current Feedback Amplifiers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Quad 100MHz Current Feedback Amplifiers; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C 500kHz High Efficiency 3A Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C 500kHz High Efficiency 3A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 4-Input Video Multiplexer with 75MHz Current Feedback Amplifier; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 150MHz Video Multiplexers; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 85°C 500mA Negative Low Dropout Micropower Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 500MHz, 3nV/rtHz, AV >=10 Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 100MHz Current Feedback Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Very High Speed Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz High Efficiency 3A Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C Low Dropout Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 85°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: -40°C to 85°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 1.1A, 35MHz Current Feedback Amplifier (CFA); Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 140MHz Video Current Feedback Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad 45MHz, 400V/µs Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Noise Very High Speed Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 28MHz, 12V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 23MHz, 50V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C Low Power, High Speed Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 250kHz Low Supply Current High Efficiency 1.5A Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz High Efficiency 3A Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C x4的SRAM 500kHz High Efficiency 3A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C x4的SRAM 500mA Negative Low Dropout Micropower Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C x4的SRAM 500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 85°C x4的SRAM 500kHz High Efficiency 3A Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C x4的SRAM 500MHz, 3nV/rtHz, AV >=10 Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Very High Speed Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 4.5A, 500kHz Step-Down Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: -40°C to 85°C
|
Advanced Micro Devices, Inc. Amphenol, Corp. Glenair, Inc.
|
LTC3251EMSE-1.5PBF LTC3251-1.2-15 LTC3251-1.5-15 L |
500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converters; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 0.65 A SWITCHED CAPACITOR REGULATOR, 2000 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
ISL9104IRUNZ-T ISL9104IRUBZ-T |
500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter; Temperature Range: -40°C to 85°C; Package: 6-uTDFN T&R 1.35 A SWITCHING REGULATOR, 4900 kHz SWITCHING FREQ-MAX, PQCC6
|
Intersil, Corp. INTERSIL CORP
|
SP6203 SP6203EM5- SP6205ER-3.3 SP6205ER-3.0 SP6205 |
Low Noise, 300mA and 500mA CMOS LDO Regulators Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA00mA的CMOS LDO稳压 Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA500mA的CMOS LDO稳压 Circular Connector; No. of Contacts:37; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:15-35 低噪音,00mA00mA的CMOS LDO稳压 CRYSTALS 10/15 -20 70 18PF 19.6608MHZ ATCUT FUND HC-49/US Low Noise / 300mA and 500mA CMOS LDO Regulators Low Noise 300mA and 500mA CMOS LDO Regulators
|
Advanced Semiconductor, Inc. SIPEX[Sipex Corporation]
|
|