PART |
Description |
Maker |
HT1623 HT16270 HT1620 HT1621 HT1622 HT16220 HT1625 |
RAM Mapping 488 LCD Controller for I/O uC RAM Mapping 48x8 LCD Controller for I/O C
|
Holtek Semiconductor Inc. HOLTEK[Holtek Semiconductor Inc]
|
HT1621 |
RAM Mapping 32 x 4 LCD Controller for I/O 渭C(瀛???ㄦ?灏???ㄤ?I/O?ュ?寰????2 x 4妯″?LCD?у???
|
Holtek Semiconductor Inc.
|
HT1625 |
RAM Mapping 648 LCD Controller for I/O MCU
|
Holtek Semiconductor Inc
|
HT1621 HT16270 HT1620 HT1622 HT16220 HT1623 HT1625 |
RAM Mapping 32x4 LCD Controller for I/O C
|
HOLTEK[Holtek Semiconductor Inc]
|
HT16C23 |
RAM Mapping 56*4 / 52*8 LCD Driver Controller
|
Holtek Semiconductor Inc
|
HT16K23 |
RAM Mapping 20*4/16*8 LCD Controller Driver with keyscan
|
Holtek Semiconductor Inc
|
HT162007 HT1620 |
RAM Mapping 32x4 LCD Controller for I/O MCU
|
Holtek Semiconductor Inc
|
ESC1621 |
RAM Mapping 32 X 4 LCD Controller for I/O uC From old datasheet system
|
List of Unclassifed Manufacturers ETC
|
87C196JT AN87C196JQ AN87C196KR AN87C196JR AN87C196 |
Advanced 16-Bit CHMOS Microcontrollers Advanced 16-bit CHMOS microcontroller. EPROM 12K, Reg RAM 360, Code RAM 128, I/O 41 Advanced 16-bit CHMOS microcontroller. EPROM 16K, Reg RAM 488, Code RAM 256, I/O 56 Advanced 16-bit CHMOS microcontroller. EPROM 16K, Reg RAM 488, Code RAM 256, I/O 41 Advanced 16-bit CHMOS microcontroller. EPROM 48K, Reg RAM 1.5K, Code RAM 512, I/O 41
|
Intel
|
LT-94B73B-P1G LT-94B73B-P1-AG LT-94C73C-P1G |
3.3V / 2.488 Gbps 1490 nm Continuous-Mode TX 3.3 / 2.488 Gbps490纳米连续模式得克萨斯
|
Optoway Technology Inc. Optoway Technology, Inc.
|
SWG81510 SWG83610 SWG84210 SWG84810 SWG86010 |
THREE PHASE CONTROLLE WITH PROPORTIONAL CONTROL 0 - 10V
|
celduc-relais
|
SWG88010 SWG82710 |
THREE PHASE CONTROLLE WITH PROPORTIONAL CONTROL 0 - 10V
|
celduc-relais
|