PART |
Description |
Maker |
X28HC256P-12 X28HC256P-15 X28HC256J-90 X28HC256S-1 |
5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 150 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 120 ns, CPGA28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CQCC32 SWITCH SLIDE 2MM HORIZONTAL SMD 32K X 8 EEPROM 5V, 90 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PDIP28 RACK DESK SOLID BLACK 1.75X19X8,1 32K X 8 EEPROM 5V, 70 ns, CPGA28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CPGA28 Continuity Tester RoHS Compliant: NA 32K X 8 EEPROM 5V, 90 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CDFP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CQCC32 Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 1000uF; Voltage: 50V; Case Size: 12.5x25 mm; Packaging: Bulk
|
Intersil, Corp. Intersil Corporation
|
02981028HXFC 02981028HXFC-SS 02981028HXFCB 0298102 |
MEGA?-FLEX Holder for MEGA? Fuses
|
Littelfuse
|
AT45DCB008 AT45DCB002 AT45DCB004 |
8-megabyte 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards 32M X 1 FLASH 2.7V PROM CARD, XMA7 8M byte, 4MB byte, 2M byte, 2.7-Volt Only, Serial Interface DataFlash Cards From old datasheet system 8M byte, 4M byte, 2M byte, 2.7-Volt Only, Serial Interface DataFlash Cards
|
Atmel, Corp. Atmel Corp.
|
ATTINY15L ATTINY15L-1PC ATTINY15L-1PI ATTINY15L-1S |
8-bit AVR Microcontroller with 1K Byte Flash 1-Kbyte In-System programmable Flash Program Memory, 64-Byte EEPROM, 32-Byte Register File, 4-channel 10-bit A/D, Up to 1.6 MIPS throughput at 1.6 MHz. 3-volt operation
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
LC877816A |
CMOS IC 16KB-byte and 512-byte RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC87F2G08A |
CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC87FBK08A |
8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC87F5932A |
CMOS IC Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
ST10F269Z2Q3 ST10F269Z2Q6 |
16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
|
STMicroelectronics
|
ENA0955A |
CMOS IC 128K-byte FROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LC871H92A LC871HC4A |
CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
ENA1189 |
CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
|