PART |
Description |
Maker |
STE STE600016T4KI STE600016T4KX STE600016T4MI STE6 |
SuperTan? Extended (STE) Capacitors Wet Tantalum with Hermetic Seal SuperTan庐 Extended (STE) Capacitors Wet Tantalum with Hermetic Seal SuperTan㈢ Extended (STE) Capacitors Wet Tantalum with Hermetic Seal
|
Vishay Siliconix
|
AT49LD3200 AT49LD3200-10 AT49LD3200-10TC AT49LD320 |
32Mbit. 3.0-Volt High-speed Synchronous Flash Memory 32兆3.0伏高速同步闪 32-megabit (1M x 32 or 2M x 16) High-speed Synchronous Flash Memory
|
Electronic Theatre Controls, Inc. http://
|
SP6120HVCY/TR SP6120HVEY/TR SP6120HVCY |
High Voltage, Synchronous ,Buck Controller Ideal for 2A to 20A, High Performance, DC-DC Power Converters 高电压,同步,降压控制器适合2A20A条,高性能DC - DC电源转换 High Voltage / Synchronous /Buck Controller Ideal for 2A to 20A / High Performance / DC-DC Power Converters
|
Linear Technology, Corp. Sipex Corporation
|
LTC3632 LTC3632EDD-PBF LTC3632EDD-TRPBF LTC3632EMS |
High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
|
Linear Technology
|
HY57V64820HGLTP-5 HY57V64820HGLTP-55 HY57V64820HGL |
4 Banks x 2M x 8Bit Synchronous DRAM 8M X 8 SYNCHRONOUS DRAM, 5.4 ns, PDSO54 4 Banks x 2M x 8Bit Synchronous DRAM 8M X 8 SYNCHRONOUS DRAM, PDSO54 CAP 0.01UF 50V 10% X7R SMD-0805 TR-13 PLATED-NI/SN 8M X 8 SYNCHRONOUS DRAM, 5.4 ns, PDSO54 Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 220uF; Voltage: 25V; Case Size: 8x11.5 mm; Packaging: Bulk
|
Hynix Semiconductor, Inc. http:// Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|
IDT54FCT620CTLB IDT54FCT620CTEB IDT54FCT620ATDB ID |
High Frequency Synchronous PWM Buck Controller in a 10-Lead MLPD Package. High Frequency 2-Phase Single or Dual Output Sychronous Step Down Controller with Output Tracking and Sequencing High Frequency 2-Phase, Single or Dual Output Synchronous Step Down Controller with Output Tracking and Sequencing Single 8-Bit Inverting Bus Transceiver 位反向总线收发
|
Fairchild Semiconductor, Corp.
|
ISL6526 ISL6526ACB ISL6526CB ISL6526CBZ ISL6526CBZ |
RX-1M Hi-Meg Resistor, Ultra-high resistance, High stability, Hermetically Sealed, 0.5 W Rating Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
|
INTERSIL[Intersil Corporation]
|
MAX1716 MAX1716EEG MAX1716-MAX1855 MAX1854 MAX1854 |
High-Speed / Adjustable / Synchronous Step-Down Controllers with Integrated Voltage Positioning High-Speed, Adjustable, Synchronous Step-Down Controllers with Integrated Voltage Positioning " High-Speed, Digitally Adjustable, Synchronous Step-Down Controller with Integrated Voltage Positioning"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
FE5A-1D-0 FE5A-1J-0 FE5A-1G-0 FE5A-1F-0 FE5A-1E-0 |
High Efficiency, High Voltage 50mA Synchronous Step-Down Converter; Package: 8-MSOP; Temperature Range: -40 to 125C; Container: Tape and Reel High Efficiency, High Voltage 50mA Synchronous Step-Down Converter; Package: 8-DFN; Temperature Range: -40 to 125C; Container: Tape and Reel
|
Power-One
|
L6926 L6926D L6926D013TR 9302 |
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR From old datasheet system HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR 高效率单片同步降压调
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|