PART |
Description |
Maker |
ACTSF512K16 ACT-SF512K16N-37F18T ACT-SF512K16N-37F |
ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
|
AEROFLEX[Aeroflex Circuit Technology]
|
ACT-D2M32C-090F18M ACT-F2M32A-090F18M ACT-F2M32C-1 |
ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
|
Aeroflex Circuit Technology
|
ACT-SF128K32N-37P1T ACT-SF128K32N-37P1Q |
ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
|
Aeroflex Circuit Techno...
|
ACT-S512K32V-045P7T ACT-S512K32V-045P7Q ACT-S512K3 |
ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module CURRENT INDICATOR GREEN WIRE MNT TRANSF CURRENT .50 OPENING PCB KPSE 3C 3#16 SKT PLUG LENS, ROUND, GREEN; Colour:Green RoHS Compliant: Yes CURRENT INDICATOR AMBER WIRE MNT Dual 2-Line To 4-Line Decoders/Demultiplexers 16-SO 0 to 70 Dual 2-Line to 4-Line Decoders/Demultiplexers with Open-Collector Outputs 16-PDIP 0 to 70 Dual 2-Line To 4-Line Decoders/Demultiplexers 16-PDIP 0 to 70 ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module 行为S512K32V高.3Volt 16兆位SRAM的多芯片模块 CURRENT INDICATOR BLUE WIRE MNT 行为S512K32V高3.3Volt 16兆位SRAM的多芯片模块 ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module 行为S512K32V高3.3Volt 16兆位SRAM的多芯片模块 Dual 2-Line to 4-Line Decoders/Demultiplexers with Open-Collector Outputs 16-SOIC 0 to 70 行为S512K32V高.3Volt 16兆位SRAM的多芯片模块 CURRENT INDICATOR RED WIRE MNT 行为S512K32V高.3Volt 16兆位SRAM的多芯片模块
|
AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc. Aeroflex, Inc.
|
ACT-F512K32N-060P7T ACT-F512K32N-070P3M ACT-F512K3 |
ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module 512K X 32 FLASH 5V PROM MODULE, 60 ns, CQMA68 512K X 32 FLASH 5V PROM MODULE, 120 ns, CQMA68 512K X 32 FLASH 5V PROM MODULE, 90 ns, CQMA68 3-line to 8-line decoder / demultiplexer 16-SOIC 0 to 70 3-line to 8-line decoder / demultiplexer 16-PDIP 0 to 70 Dual 2-line to 4-line decoders / demultiplexers 16-SO 0 to 70 Hex schmitt-trigger inverters 14-SOIC 0 to 70 Quad 2-input positive-NAND Schmitt triggers 14-PDIP 0 to 70 3-line to 8-line decoder / demultiplexer 16-SO 0 to 70 Quad 2-Input Exclusive-OR Gates with Open-Collector Outputs 14-PDIP 0 to 70 Dual 2-line to 4-line decoders / demultiplexers 16-PDIP 0 to 70 Quad 2-Input Exclusive-OR Gates with Open-Collector Outputs 14-SOIC 0 to 70 Quad 2-input positive-NAND Schmitt triggers 14-SO 0 to 70 行为F512K32高6兆位闪存多芯片模 ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module 行为F512K32高6兆位闪存多芯片模 Dual 2-line to 4-line decoders / demultiplexers 16-SOIC 0 to 70 行为F512K32高6兆位闪存多芯片模 ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module 行为F512K32高16兆位闪存多芯片模 Hex schmitt-trigger inverters 14-SSOP 0 to 70 行为F512K32高6兆位闪存多芯片模 ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
|
Aeroflex Circuit Techno... Aeroflex Inc. Aeroflex, Inc. Aeroflex Circuit Technology
|
VO2631-X017T VO2601 VO2601-X017T |
High Speed Optocouplers 10Mbd High-Speed Dual CTR>300% High Speed Optocoupler, Single and Dual, 10 MBd
|
Vishay Semiconductors Vishay Siliconix
|
ACT-SF128K32 ACT-SF128K32N-26P1C ACT-SF128K32N-26P |
ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module 行为SF128K32高28Kx32的SRAM / 128Kx32闪存多芯片模 Synchronous 4-Bit Binary Counters 16-PDIP 0 to 70 行为SF128K32高28Kx32SRAM / 128Kx32闪存多芯片模 Synchronous 4-Bit Binary Counters 16-SOIC 0 to 70 行为SF128K32高28Kx32SRAM / 128Kx32闪存多芯片模
|
Aeroflex, Inc. Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|
K6R1008C1C- K6R1008C1C-C10 K6R1008C1C-C12 K6R1008C |
128K x 8 high speed static RAM, 5V operating, 12ns 128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges. 128Kx8位高速CMOS静态RAMV的工作)。在经营商业和工业温度范围 RES-140 0.0625W 1% THICK FILM 128K x 8 high speed static RAM, 5V operating, 15ns 128K x 8 high speed static RAM, 5V operating, 10ns
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
ACT-F1288N-060P7Q ACT-F1288N-060P4T ACT-F1288N-060 |
EEPROM EEPROM Cable Gland (Clamp); Connector Shell Size:24; Leaded Process Compatible:No; Length:2.56"; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 行为F128K8高兆位闪存单片 128K X 8 FLASH 5V PROM MODULE, 60 ns, CDIP32 HERMETICALLY SEALED, CERAMIC, DIP-32 128K X 8 FLASH 5V PROM MODULE, 70 ns, CDIP32 HERMETICALLY SEALED, CERAMIC, DIP-32 128K X 8 FLASH 5V PROM MODULE, 60 ns, CDFP32 HERMETICALLY SEALED, CERAMIC, FP-32 128K X 8 FLASH 5V PROM MODULE, 70 ns, CDFP32 HERMETICALLY SEALED, CERAMIC, FP-32 ACT-F128K8 High Speed 1 Megabit Monolithic FLASH 行为F128K8高兆位闪存单片 ACT-F128K8 High Speed 1 Megabit Monolithic FLASH 行为F128K8高1兆位闪存单片 Retriggerable monostable multivibrator 14-PDIP 0 to 70 Dual J-K Negative-Edge-Triggered Flip-Flops With Clear And Preset 16-SO 0 to 70 Retriggerable monostable multivibrator 14-SOIC 0 to 70 Dual J-K Negative-Edge-Triggered Flip-Flops With Clear And Preset 16-PDIP 0 to 70 Dual J-K Negative-Edge-Triggered Flip-Flops With Clear And Preset 16-SOIC 0 to 70 D21 - BACKSHELL ENVIRON STRT MIL D52 - BACKSHELL ENVIRON STRT MIL CONNECTOR ACCESSORY Retriggerable monostable multivibrator 14-SO 0 to 70
|
Aeroflex Circuit Techno... Samsung Semiconductor Co., Ltd. SUSUMU Co., Ltd. Aeroflex, Inc. Aeroflex Inc. http://
|
ATV2500BQL-30KM/883 ATV2500BBQBQL |
High-speed High-density UV-erasable Programmable Logic Device(高速高密度紫外线可擦除PLD) ATV2500B(BQ)(BQL) [Updated 5/00. 21 Pages] 2500 gate high-speed CPLD. standard & low power. 40 & 44 pins offered in Military Temp Grade only.
|
聚兴科技股份有限公司 Atmel Corp.
|
TPC8006-H |
Field Effect Transistor Silicon N Channel MOS Type (High Speed U-MOSII) High Speed and High Efficiency DC .DC Converters Portable Equipment Applications Notebook PC Applications
|
TOSHIBA
|
BL-B4137B BL-B4137E BL-B4137M BL-B4137N BL-B9137E |
STANDARD LED LAMPS 标准LED节能 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SSOP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 RESISTOR, 10 1% 1/2W, 2010, SMD High Speed CMOS Logic 4-by-4 Register File 16-PDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125
|
Yellow Stone, Corp. 早安股份有限公司 ETC YSTONE[Yellow Stone Corp]
|