PART |
Description |
Maker |
M74HC367 M74HC367B1R M74HC367C1R M74HC367F1R M74HC |
HC367 NON INVERTING, HC368 INVERTING HEX BUS BUFFER (3-STATE) HEX BUS BUFFER (3-STATE) HC367 NON INVERTING, HC368 INVERTING HEX BUS BUFFER 3-STATE HC367 NON INVERTING / HC368 INVERTING 8-Bit, 10 us DAC, Serial Input, Quad DAC, Pgrmable 1x or 2x Output, Simultaneous Update 14-SOIC 0 to 70 HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING 六角总线缓冲器的三态非反相HC367,HC368反相
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导 STMicroelectronics N.V.
|
74HCT1G125GV 74HCT1G125GW 74HC1G125 74HC1G125GV 74 |
4-Bit Synchronous Binary Counters 16-SOIC -40 to 85 采用16-SOIC封装位同步二进制计数工作温度-40℃到85 74HC1G125; 74HCT1G125; Bus buffer/line drivers; 3-state Bus buffer/line driver; 3-state
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74V1G125 5731 |
SINGLE BUS BUFFER (3-STATE) From old datasheet system
|
STMicro
|
U74AHCT1G125G-AE5-R U74AHCT1G125G-AL5-R |
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
|
Unisonic Technologies
|
HD74HCT125 HD74HCT126 HD74HCT126T |
Quad. Bus Buffer Gates (with 3-state outputs) BUFFER/DRIVER|SINGLE|4-BIT|HCT-CMOS|TSSOP|14PIN|PLASTIC
|
HITACHI[Hitachi Semiconductor]
|
74LCX541MTR 74LCX541TTR 74LCX541 74LCX541M |
OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS Octal Buffers And Line Drivers With 3-State Outputs 20-SO -40 to 85
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MAX2205 MAX2205EBS MAX2205-MAX2208 MAX2206EBS MAX2 |
射频功率检波器的UCSP封装 Quadruple Bus Buffer Gates With 3-State Outputs 14-TSSOP -40 to 85 Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 RF Power Detectors in UCSP
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
M54HC126 M54HC125 M74HC126B1R M54HC125K M74HC126M1 |
CAP 100PF 100V 10% CH-TC SMD-0603 TR-7-PA QUAD BUS BUFFERS 3-STATE From old datasheet system RAD-HARD QUAD BUS BUFFER (3-STATE)
|
意法半导 http:// STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
74LVTH16244TTR 74LVTH16244LBR 74LVTH16244 74LVTH16 |
LOW VOLTAGE BICMOS 16 BIT BUS BUFFER WITH BUS HOLDER AND POWER UP 3-STATE LOW VOLTAGE BICMOS 16 BIT BUS BUFFER WITH BUS HOLD AND POWER UP 3-STATE
|
ST Microelectronics STMicroelectronics
|
74LS126 HA74LS126A HD74LS126A |
Quad. Bus Buffer Gates with 3-state outputs Quadruple Bus Buffer Gates
|
Hitachi Semiconductor
|
M27C800 M27C800-120F1TR M27C800-120F6TR 27C800 M27 |
512K X 16 OTPROM, 120 ns, PDSO44 512K X 16 OTPROM, 50 ns, PQCC44 Octal Bus Transceiver With 3-State Outputs 20-TSSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-TVSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-SOIC -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 16-Bit Bus Transceiver and Transparent D-Type Latch with 8 Independent Buffers 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 32-Bit Buffer/Driver With 3-State Outputs 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-TSSOP -40 to 85 8 MBIT (1MB X8 OR 512KB X16) UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M74HC241HV M74HC241HVB1R M74HC241HVC1R M74HC241HVF |
Octal Bus Buffer with 3 State Outputs(涓??杈??????荤嚎缂???????)) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC240HV: INVERTED - HC241HV NON INVERTED
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] http://
|