PART |
Description |
Maker |
MC74HC374A-D MC74HC374ADW MC74HC374ADWR2 MC74HC374 |
Octal 3-State Non-Inverting D Flip-Flop High-Performance Silicon-Gate CMOS Octal 3-State Noninverting D Flip-Flop Octal D-Type Flip-Flop
|
ON Semiconductor Motorola
|
HD74HC574 HD74HC564 HD74HC574FP HD74HC574P HD74HC5 |
FLIP-FLOP|OCTAL|D TYPE|HC-CMOS|SOP|20PIN|PLASTIC 触发器|八路| D型系列| HC - CMOS制|专科| 20针|塑料 FLIP-FLOP|OCTAL|D TYPE|HC-CMOS|DIP|20PIN|PLASTIC Octal D-type Flip-Flops (with 3-state outputs)
|
HITACHI[Hitachi Semiconductor]
|
MM74HC574WM MM74HC574SJX |
3-STATE Octal D-Type Edge-Triggered Flip-Flop IC,FLIP-FLOP,OCTAL,D TYPE,HC-CMOS,SOP,20PIN,PLASTIC
|
Fairchild Semiconductor Corp
|
74ACT374TTR 74ACT374M 74ACT374MTR 74ACT37401 74ACT |
OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT NON INVERTING OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS (NON INVERTED)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
74AC377MTC |
Octal D-Type Flip-Flop with Clock Enable AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp.
|
M81016FP M81016KP M81016P M81016P09 |
81016 SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, INVERTED OUTPUT, PDSO20 OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
|
Mitsubishi Electric Semiconductor Mitsubishi Electric Sem...
|
MC74AC374 MC74AC374DTR2 MC74AC374DTR2G MC74AC374DW |
Octal D-Type Flip-Flop with 3-State Outputs; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 AC SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Octal D−Type Flip−Flop with 3−State Outputs
|
ONSEMI[ON Semiconductor]
|
IDT74LVC374ASO IDT74LVC374A IDT74LVC374APG IDT74LV |
3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5V TOLERANT I/O 3.3V CMOS Octal Edge-Triggered D-Type Flip-Flop with 3-State Outputs, 5.0V Tolerant I/O 3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O From old datasheet system 3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIPFLOP
|
IDT[Integrated Device Technology]
|
HD74BC374A HD74BC374AP HD74BC374AFP |
FLIP-FLOP|OCTAL|D TYPE|BICMOS-TTL|SOP|20PIN|PLASTIC 触发器|八路| D型|的BiCMOS - TTL电|专科| 20针|塑料 WA Series Standard Basic Switch, Single Pole Normally Closed Circuitry, 20 A at 250 Vac, Special Lever Actuator, 0,7 N [2.5 oz] Operating Force, Silver Contacts, Screw Termination Octal D Type Flip Flops With 3 State Outputs
|
Renesas Electronics, Corp. HITACHI[Hitachi Semiconductor]
|
74HC273 74HCT273 74HC273D 74HCT273D 74HC273PW 74HC |
Octal D-type flip-flop with reset positive-edge trigger 74HC/HCT273; Octal D-type flip-flop with reset; positive-edge trigger
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
DM74ALS574A DM74ALS574AN DM74ALS574ASJ DM74ALS574A |
Octal D-Type Edge Triggered Flip-Flop with 3-STATE Outputs Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs 10-Bit Buffer/Driver With 3-State Outputs 24-TSSOP -40 to 85
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|