PART |
Description |
Maker |
PCM-3538T-A10 |
Using Transmitter Device Module THC63LVDM83A Chipset, Transmitter Converts 28-bit of CMOS/TTL Data Into LVDS Data Stream
|
AAEON Technology
|
UR3HCGNP-001-RH UR3HCGNP-001 |
IC Converts PS/2 Data to USB 集成电路转换PS / 2数据到USB
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
ICL7135C_D ICL7135CJI ICL7135CPI ICL7135CQI ICL713 |
4Digit A/D Converter with Multiplexed BCD Outputs 1-CH 4-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PDIP28 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 4? Digit A/D Converter with Multiplexed BCD Outputs 4 Digit A/D Converter with Multiplexed BCD Outputs 4 1/2 Digit A/D Converter with Multiplexed BCD Outputs From old datasheet system 4? Digit A/D Converter with Multiplexed BCD Outputs
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
MC74HC354DW MC54_74HC354 ON1412 MC54HC354 MC74HC35 |
8-Input Data Selector/Multiplexer With Data and Address Latches and 3-State Outputs 8-INPUT DATA SELECTOR/MULTLPLEXER WLTH DATA AND ADDRESS LATCHER AND 3-STATE OUTPUTS From old datasheet system
|
Motorola, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
DM7446 DM7446A DM7446AN 7446A DM7447A |
BCD to 7-Segment Decoders/Drivers(BCD-7娈垫?瀛?浆?㈣????/椹卞??? BCD to 7-Segment Decoders/Drivers TTL/H/L SERIES, SEVEN SEGMENT DECODER/DRIVER, INVERTED OUTPUT, PDIP16
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74HC257 MC74HC257 MC74HC257D MC74HC257N ON1400 HC2 |
From old datasheet system DUAL 2-INPUT DATA SELECTOR/MULTLPLEXER WLTH 3-STATE OUTPUTS Quad 2-Input Data Selector/Multiplexer with 3-State Outputs
|
Motorola Inc ON Semi Motorola, Inc
|
NB6HQ14M |
2.5V 5GHz / 6.5Gbps Differential Input to 1.8V /2.5V 1:4 CML Clock / Data Fanout Buffer w/ Selectable Input Equalizer
|
ON Semiconductor
|
MC74HC253D MC74HC253N MC74HC253 ON1399 |
Dual 4-Input Data Selector/Multiplexer with 3-State Outputs DUAL 4-INPUT DATA SELECTOR/MULTLPLEXER WLTH 3-STATE OUTPUTS From old datasheet system
|
Motorola, Inc ON Semi
|
AM27S291 AM27S29125BLA AM27S29125DC AM27S29125DCB |
16384-BIT (2048 x 8) BIPOLAR PROM 16/384-BIT (2048 x 8) BIPOLAR PROM CMOS Dual 4-Input AND Gate 14-SO -55 to 125 CMOS Quad 2-Input AND Gate 14-CDIP -55 to 125 SWITCH, SPDT, LATCHING; Switch function type:SPDT Latching; Voltage, contact AC max:250V; Voltage, contact DC max:30V; Temp, op. max:85(degree C); Temp, op. min:-40(degree C); Diameter, panel cut-out:6.4mm; Length / Height, RoHS Compliant: Yes Dual Retriggerable Monostable Multivibrators 16-PDIP 0 to 70 BCD-to-Seven-Segment Decoders/Drivers 16-SOIC 0 to 70 Octal Buffers With 3-State Outputs 20-SOIC 0 to 70 CMOS Quad 2-Input AND Gate 14-SO -55 to 125 CMOS Quad 2-Input AND Gate 14-PDIP -55 to 125 CMOS Quad 2-Input AND Gate 14-SOIC -55 to 125 CMOS Quad 2-Input AND Gate 14-TSSOP -55 to 125 4-Line BCD To 10-Line Decimal Decoders 16-SOIC 0 to 70 Guide Housing for PP75 (Black) Octal Buffers and Line Drivers with 3-State Outputs 20-SO 0 to 70 SWITCH, SPDT, MOM; Switch function type:SPDT Mom; Voltage, contact AC max:250V; Voltage, contact DC max:30V; Temp, op. max:85(degree C); Temp, op. min:-40(degree C); Diameter, panel cut-out:6.4mm; Length / Height, external:39.5mm; RoHS Compliant: Yes 8-Bit Binary Counters With Output Registers And 3-State Outputs 16-PDIP 0 to 70 BCD-to-Seven-Segment Decoders/Drivers 16-PDIP 0 to 70 8-Bit Binary Counters With Input Registers 16-SOIC 0 to 70 Dual Retriggerable Monostable Multivibrators 16-SOIC 0 to 70 Quad tridirectional bus transceivers 20-PDIP 0 to 70 Quadruple 2-Input Multiplexers With Storage 16-SO 0 to 70 4-Line BCD To 10-Line Decimal Decoders 16-PDIP 0 to 70 CMOS Dual 4-Input AND Gate 14-TSSOP -55 to 125 16,384位(2048 × 8)双极胎膜早 CMOS Dual 4-Input AND Gate 14-CDIP -55 to 125 16,384位(2048 × 8)双极胎膜早 16,384-BIT (2048 x 8) BIPOLAR PROM 16,384位(2048 × 8)双极胎膜早 Octal Buffers With 3-State Outputs 20-PDIP 0 to 70 16,384位(2048 × 8)双极胎膜早 CMOS Dual 4-Input AND Gate 14-SOIC -55 to 125 16,384位(2048 × 8)双极胎膜早 CMOS Dual 2-Wide 2-Input AND-OR-INVERT Gate 14-SOIC -55 to 125 16,384位(2048 × 8)双极胎膜早 CMOS Dual 2-Wide 2-Input AND-OR-INVERT Gate 14-PDIP -55 to 125 16,384位(2048 × 8)双极胎膜早 IC SWITCH OFF-LINE MDCM/CCM 8SMD CMOS Dual 4-Input AND Gate 14-PDIP -55 to 125 16,384-BIT (2048 x 8) BIPOLAR PROM
|
AMD[Advanced Micro Devices] http:// Advanced Micro Devices, Inc.
|
25C640 |
The 25C640 is a 64K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data
|
Microchip
|