PART |
Description |
Maker |
SKDH116_12-L100 SKDH116_16-L100 SKDH116 SKDH116/12 |
MOSFET; ID (A): 0.02; VDS (V): 6; Pch : 0.1; |yfs| (S) typ: 0.024; PG (dB) typ: 24; Ciss (pF) typ: 1.75; NF (dB) typ: 1.5; IDSS (mA): -; Package: CMPAK-4 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
EA401 EA404 EA406 EA432 EA430 EA444GR EA444GY EA33 |
Red, right angle, quad-level, mini LED. Lens diffused. Max.luminous intensity at 10mA 12.5mcd. Typ. forward voltage at 20mA 2.0V. Yellow, right angle, quad-level, mini LED. Lens diffused. Max.luminous intensity at 10mA 5.0mcd. Typ. forward voltage at 20mA 2.1V. Green, right angle, quad-level, mini LED. Lens diffused. Max.luminous intensity at 10mA 5.0mcd. Typ. forward voltage at 20mA 2.2V. Ultra bright green, right angle, quad LED. Lens diffused. Max.luminous intensity at 20mA: 60.0mcd. Typ. forward voltage at 20mA 2.2V. Ultra bright red, right angle, quad LED. Lens diffused. Max.luminous intensity at 20mA: 300.0mcd. Typ. forward voltage at 20mA 1.85V. Red & green, right angle, quad-level, mini LED. Lens white diffused. Max.luminous intensity at 10mA: 32.0mcd(red), 32.0mcd(green). Typ. forward voltage at 20mA: 2.0V(red), 2.2V(green). Green & yellow, right angle, quad-level, mini LED. Lens white diffused. Max.luminous intensity at 10mA: 32.0mcd(green), 20.0mcd(yellow). Typ. forward voltage at 20mA: 2.2V(green), 2.2V(yellow). Red, right angle, tri-level, T-1, LED. Lens diffused. Max.luminous intensity at 20mA 50mcd. Typ. forward voltage at 20mA 2.0V. Orange side viewing LED. Lens translucent. Typ.luminous intensity at 15mA 4.0mcd. Typ. forward voltage at 20mA 2.1V. Green side viewing LED. Lens translucent. Typ.luminous intensity at 15mA 4.0mcd. Typ. forward voltage at 20mA 2.1V. Ultra bright red, right angle, T-1 LED. Lens translucent. Max.luminous intensity at 20mA 500mcd. Typ. forward voltage at 20mA 1.85V.
|
Gilway Technical Lamp
|
1S1885 1S1887 1S1888 |
Rectifier Silicon Diffused Type General Purpose Rectifier Applications
|
TOSHIBA
|
1S1834 1S1835 |
Rectifier Silicon Diffused Type High Speed Rectifier Applications (fast recovery)
|
TOSHIBA
|
U05NH44 U05TH44 |
Silicon Rectifier RECTIFIER SILICON DIFFUSED TYPE
|
Toshiba
|
1N1301 1N2283 1N4526 1N1196A 1N1196 1N2021 1N1192A |
Standard Rectifier (trr more than 500ns) (1N2xxx) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 200 V, SILICON, RECTIFIER DIODE, DO-203AB (1N4525 - 1N4529) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 100 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 350 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 300 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
S4111-46Q S4111-16Q S4111-16R S4114-46Q S4114-35Q |
MOSFET, Switching; VDSS (V): 500; ID (A): 19; Pch : 35; RDS (ON) typ. (ohm) @10V: 0.325; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: 0.093; Package: TO-220FN MOSFET, Switching; VDSS (V): 500; ID (A): 25; Pch : -; RDS (ON) typ. (ohm) @10V: 0.21; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2600; toff (µs) typ: 103; Package: TO-3P Si photodiode array 16, 35, 46 element Si photodiode array for UV to NIR 硅光电二极管阵列16356元素硅的紫外到近红外光电二极管阵
|
Hamamatsu Photonics K.K.
|
S5688G |
(S5688x) Rectifier Silicon Diffused Type
|
Toshiba Semiconductor
|
S5688B S5688G S5688J S5688N |
TOSHIBA Rectifier Silicon Diffused Type
|
Toshiba Semiconductor
|
U10LC48 |
TOSHIBA RECTIFIER SILICON DIFFUSED TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
|