PART |
Description |
Maker |
2SJ338Y 2SJ338O |
TRANSISTOR | MOSFET | P-CHANNEL | 180V V(BR)DSS | 1A I(D) | TO-251AA Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管| MOSFET的| P通道| 180V五(巴西)直| 1A条(丁)|51AA
|
NEC, Corp.
|
612 614F 612L 612F 612NGH 612NGL 612NGN 612NGM |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay Low-Power, Single/Dual-Level Battery Monitors with Hysteresis LUEFTER DC SLIMLINE 60 LOWNOISE 12V 5V Adjustable, 10W, CMOS, Step-Up, Switching Regulator Controller LUEFTER直流12V的超0低噪
|
Jameco Electronics
|
3082-6193-10 3082-6182-06 3082-6144-20 3082-6174-2 |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Type N Fixed Coaxial Attenuators Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset N型同轴固定衰减器
|
Molex, Inc.
|
3.5Y-1 3.5YB-2 |
KUEHLKOERPER HALBLEITERMODUL 3.4K/W Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset FINGERKUEHLKOERPER 5ST 3.4K /
|
Bourns, Inc.
|
3089-6318-00 3089-6317-00 3089-6817-00 3089-6819-0 |
Power Dividers2346 and 8-Way 800-900890-960or 1700-1900 MHz Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 功分2400-90090-960,或1700900年兆 1700 MHz - 1900 MHz RF/MICROWAVE SPLITTER, 0.5 dB INSERTION LOSS
|
Samtec, Inc.
|
3022-500-N 3022-500-P 3022-005-N 3022-010-N 3022-0 |
Industrial Control IC Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 工业控制IC
|
3M Company IAR Systems AB
|
2SD2143TL 2SD1866TV2 2SD2143 2SD2212 |
Transistors > Medium Power Bipolar Transistors(0.5W-1.0W) Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体 BJT Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset
|
ROHM
|
107XP 215 235-EU 7811-EU 116-EU 7816-EU 116-K5 329 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits "IMPACT WRENCH 3/8"" PISTOL HD AIR DRILL PISTOL 10MM AIR HAMMER ROUND SHANK AIR CHISEL KIT ROUND SHANK SAW BLADES COARSE PACK 6 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset "AIR RATCHET 3/8"" STUBBY AIR DRILL PISTOL 13MM REVERSIBLE SAW BLADES FINE PACK 6 DIE & CUTTER FOR NIBBLER Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 磨光机的枪柄 "IMPACT WRENCH 1/2"" PISTOL H/DUTY “冲击扳 / 2”“手枪水税
|
3M Company
|
32C408ARPFI-35 32C408ARPFC-25 32C408ARPFS-35 32C40 |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset x8 SRAM Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset x8的SRAM
|
Advanced Interconnections, Corp.
|
2SD755 2SD756 2SD756A 2SD756E 2SD755F 2SD756D |
Silicon NPN Transistor Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管|晶体管| npn型| 120伏特五(巴西)总裁| 50mA的一(c)|2VAR Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 50MA I(C) | TO-92VAR Silicon NPN Epitaxial SMALL SIGNAL TRANSISTOR TO-92MOD, 3 PIN
|
Microsemi, Corp. HITACHI[Hitachi Semiconductor]
|