PART |
Description |
Maker |
BT139F BT139F-500 BT139F-500F BT139F-500G BT139F-6 |
Triacs(??????纭? Triacs(双向可控 500 V, 16 A, TRIAC Triacs 600 V, 16 A, TRIAC Triacs 800 V, 16 A, TRIAC Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
Q4008L4 Q2N4 Q6004F31 Q6004F41 Q6004L4 Q6004L3 Q2N |
Triacs (0.8 A to 35 A) Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVP00; Number of Contacts:6; Connector Shell Size:9; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight Triacs (0.8 A to 35 A) 双向0.8 A5甲) Triacs (0.8 A to 35 A) 双向.8 A5甲) Triacs (0.8 A to 35 A) 双向.8 A35甲) TV 6C 6#22D PIN WALL RECP TRIACS (0.8A TO 35A) RoHS Compliant
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
BT138X-500 BT138X-500F BT138X-500G BT138X-600 BT13 |
Triacs(双向可控 500 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors] http://
|
BTA312X-800B |
12 A Three-quadrant triacs triacs high commutation
|
NXP Semiconductors
|
BT139B BT139B-500 BT139B-500F BT139B-500G BT139B-6 |
Octal D-Type Registers with 3-State Outputs 20-CDIP -55 to 125 500 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 Triacs high noise immunity Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA204M-800B BTA204M-600C BTA204M-500C BTA204M BTA |
Three quadrant triacs high commutation(涓?薄???????㈠????纭? Three quadrant triacs high commutation(三象限双向高换向可控 From old datasheet system Three quadrant triacs guaranteed commutation
|
NXP SEMICONDUCTORS PHILIPS[Philips Semiconductors]
|
BTA212B BTA212B-500B BTA212B-800B BTA212BSERIESB |
Transient Voltage Suppressor Diodes Three quadrant triacs high commutation(三象限双向高换向可控 Three quadrant triacs guaranteed commutation
|
Philips Semiconductors
|
BTA212-600B BTA212B-500C BTA212B-600B BTA212B-600C |
Transient Voltage Suppressor Diodes Three quadrant triacs high commutation(三象限双向高换向可控 Three quadrant triacs guaranteed commutation
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
Q4004LT Q6015LT Q6015LTH Q2010LT Q4015LT Q4015LTH |
Internally Triggered Triacs (4 A to 15 A) Power Driver IC; Driver Type:Sink; Source Output Current Max:600mA; Package/Case:22-DIP; Leaded Process Compatible:Yes; No. of Drivers:8; Output Current Max:600mA; Output Voltage Max:50V; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes Internally Triggered Triacs (4 A to 15 A) 内部触发双向 A5甲) Internally Triggered Triacs (4 A to 15 A) 内部触发双向 A15甲)
|
TECCOR[Teccor Electronics] Littelfuse, Inc. TE Connectivity, Ltd.
|
BTA208S BTA208S-800B BTA208S-800C BTA208S-800F BTA |
Three quadrant triacs guaranteed commutation Three quadrant triacs high commutation
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
T2035H-600TRG T2035H-600G-TR T2035H T2035H-600G T2 |
Snubberless?/a> high temperature 20 A Triacs Snubberless high temperature 20 A Triacs Snubberless⑩ high temperature 20 A Triacs
|
STMicroelectronics
|
CAT1162J-42 CAT1162J-45 CAT1162J-25 CAT1161J-28 CA |
0.8A TRIACS 1 A triacs 1.25A SCRS "Omnifet": fully autoprotected Power MOSFET Omnifet: fully autoprotected Power MOSFET Omnifet II: fully autoprotected Power MOSFET 4A SCRS OMNIFET FULLY AUTOPROTECTED POWER MOSFET 4 A triacs QUAD CHANNEL HIGH SIDE SOLID STATE RELAY I2C Serial EEPROM with Supervisory Features I2C串行EEPROM,带有监控功 HIGH SIDE DRIVER I2C串行EEPROM,带有监控功
|
ITT, Corp. Rochester Electronics, LLC
|