PART |
Description |
Maker |
TDA7052B TDA7052BT |
Mono BTL audio amplifier with DC AUDIO AMPLIFIER,SINGLE,BIPOLAR,SOP,8PIN,PLASTIC AUDIO AMPLIFIER,SINGLE,BIPOLAR,DIP,8PIN,PLASTIC
|
Philips Semiconductors
|
TDA7294 TDA7294V |
From old datasheet system AUDIO AMPLIFIER,SINGLE,BIPOLAR/MOS,ZIP,15PIN,PLASTIC 100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
APA4863KI-TRG APA4863OI-TRG APA4863RI-TRG APA48630 |
Stereo 2.2W Audio Power Amplifier 2.7 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO20 GREEN, MO-153AC, TSSOP-20 2.7 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO16
|
Anpec Electronics Coropration Anpec Electronics, Corp. ANPEC ELECTRONICS CORP
|
AT49LV080 AT49LV080- AT49LV080T AT49LV080T-12CC AT |
LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO44 8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory 1M X 8 FLASH 3V PROM, 200 ns, PDSO44 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PBGA42 LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO40 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: LLP; No of Pins: 8 IGBT Chips; Package: --; Technology: IGBT 3; VDS (max): 1,200.0 V; IC (max): 15.0 A; VCE(sat) (max): 2.1 V; VGE(th) (min): 5.0 V; LM4920 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: TSSOP; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: LLP; No of Pins: 14 LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16
|
Micron Technology, Inc. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
2SC2458 E000718 2SC2458L |
TRANSISTOR (AUDIO, LOW NOISE AUDIO AMPLIFIER APPLICATIONS) 晶体管(音频,低噪声音频放大器应用) TRANSISTOR (AUDIO/ LOW NOISE AUDIO AMPLIFIER APPLICATIONS) From old datasheet system AUDIO AMPLIFIER APPLICATIONS LOW NOISE AUDIO AMPLIFIER APPLICATIONS
|
Toshiba, Corp. Toshiba Semiconductor
|
ZG-1449-18 |
The JMK ZG-1449-18 audio amplifier is a dual channel audio amplifier capable of functioning in an automotive environment.
|
JMK Inc.
|
TDA8933 TDA8933T TDA8933T/N1112 |
Class-D audio amplifier; Package: SOT287-1 (SO32); Container: Tube 32 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO32
|
NXP Semiconductors N.V.
|
NCP2820FCT1 |
2.65 W Filterless Class−D Audio Power Amplifier 2.63 W, 1 CHANNEL, AUDIO AMPLIFIER, PBGA9
|
ON Semiconductor
|
EVAL-SSM2319Z SSM2319CBZ-R2 SSM2319CBZ-REEL SSM231 |
3 W, 1 CHANNEL, AUDIO AMPLIFIER, PBGA9 Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
|
ANALOG DEVICES INC
|
NJM2149 NJM2149RB1 |
0.25 W, 1 CHANNEL, AUDIO AMPLIFIER, PDSO8 From old datasheet system LOW VOLTAGE AUDIO POWER AMPLIFIER
|
njr
|
NCP4896FCT1G |
1.0 Watt Audio Power Amplifier with Earpiece Driving Capability 1.08 W, 1 CHANNEL, AUDIO AMPLIFIER, PBGA9
|
ON Semiconductor
|
|