PART |
Description |
Maker |
PC8172XNSZ |
PHOTOCOUPLER High isolation voltage, low input current, high resistance to noise
|
Sharp Electronics Corp.
|
NNCD5.6MG NNCD6.2MG NNCD6.8MG NNCD6.2MG-T1 NNCD6.2 |
ESD noise clipping diode 5pin SC-74A Low capacitance,Hi ESD type LOW CAPACITANCE HIGH ESD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES QUARTO TYPE: COMMON ANODE 5-PIN MINI MOLD 低电容高ESD静电放电噪音型裁剪二极管季刊类型:共阳极5针迷你模
|
NEC[NEC] NEC Corp. NEC, Corp.
|
PC813 PC813-SERIES |
AC Input Type & High Noise Reduction Type Photocoupler
|
Sharp Electrionic Component... SHARP[Sharp Electrionic Components] Sharp Electronics Corp. Sharp Corporation
|
SLE44C80S-V5-T85-C SLE44C80S-V5-F7-M4 SLE44C80S-V5 |
Security & Chip Card ICs Dials / Accessories; Series:DW22; Track Resistance:2kohm; Resistance Tolerance: /- 5%; Power Rating:2W; Operating Temperature Range:-30 C to 85 C; Adjustment Type:Knob; Resistance Max:2kohm; Temperature Coefficient: /-20ppm/ C RoHS Compliant: Yes Knob Potentiometer; Series:DC22; Track Resistance:2kohm; Resistance Tolerance: /- 5%; Power Rating:2W; Operating Temperature Range:-30 C to 85 C; Adjustment Type:Knob; Leaded Process Compatible:Yes; Resistance Max:2kohm RoHS Compliant: Yes Dials / Accessories; Series:DW22; Track Resistance:10kohm; Resistance Tolerance: 5%; Power Rating:2W; Operating Temperature Range:-30 C to C; Adjustment Type:Knob; Leaded Process Compatible:Yes; Resistance Max:10kohm RoHS Compliant: Yes Dials / Accessories; Series:DW22; Track Resistance:100ohm; Resistance Tolerance: 5%; Power Rating:2W; Operating Temperature Range:-30 C to C; Adjustment Type:Knob; Resistance Max:100ohm; Temperature Coefficient:20ppm/ C RoHS Compliant: Yes Dials / Accessories; Series:DW22; Track Resistance:100kohm; Resistance Tolerance: 5%; Power Rating:2W; Operating Temperature Range:-30 C to C; Adjustment Type:Knob; Resistance Max:100kohm RoHS Compliant: Yes Knob Potentiometer; Series:DC22; Track Resistance:5kohm; Resistance Tolerance: /- 5%; Power Rating:2W; Operating Temperature Range:-30 C to 85 C; Adjustment Type:Knob; Leaded Process Compatible:Yes; Resistance Max:5kohm RoHS Compliant: Yes Dials / Accessories; Series:DW22; Track Resistance:100kohm; Resistance Tolerance: 5%; Power Rating:2W; Operating Temperature Range:-30 C to C; Adjustment Type:Knob; Resistance Max:100kohm RoHS Compliant: Yes 安全 Dials / Accessories; Series:DW22; Track Resistance:1kohm; Resistance Tolerance: /- 5%; Power Rating:2W; Operating Temperature Range:-30 C to 85 C; Adjustment Type:Knob; Leaded Process Compatible:Yes; Resistance Max:1kohm RoHS Compliant: Yes 安全 Dials / Accessories; Series:DW22; Track Resistance:100ohm; Resistance Tolerance: 5%; Power Rating:2W; Operating Temperature Range:-30 C to C; Adjustment Type:Knob; Resistance Max:100ohm; Temperature Coefficient:20ppm/ C RoHS Compliant: Yes 安全 Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Knurled; Body Material:Plastic; Shaft Size:1/4; Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes 安全
|
INFINEON[Infineon Technologies AG]
|
UPA827 UPA827TF UPA827TF-T1 PA827TF |
High-Frequecy Low-Noise Amplifier NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 6-PIN 2 x 2SC5179 THIN-TYPE SMALL MINI MOLD
|
NEC Corp.
|
PS8602 PS8602L PS8602L1 PS8602L1-V PS8602L2 PS8602 |
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
|
NEC Corp. NEC[NEC]
|
PS9711 PS9711-E4 PS9711-E3 |
HIGH NOISE REDUCTION/ HIGH SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5 PIN SOP TOM OPTOCOUPLER
|
California Eastern Labs Duracell
|
HT9274 9274 |
Power Resistor; Series:TGH; Resistance:5kohm; Resistance Tolerance: /- 5 %; Power Rating:200W; Mounting Type:Chasis/Heat-Sink; Packaging:Bulk Quad Micropower Op Amp From old datasheet system
|
Holtek Semiconductor Inc.
|
SMDCHR0603 SMDCHGR0603 SMDFXXXX SMDCH0603 SMDCH080 |
MINIATURE SMD CHIP INDUCTORS 微型贴片电感 Rheostat; Series:RJS; Power Rating:50W; Resistance Max:2ohm; Terminal Type:Lugs; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Number of Turns:1; Resistance:2ohm ; Sensor Input Type:Inductive; Sensing Range Max:5mm; Sensor Output:NO RoHS Compliant: Yes
|
Electronic Theatre Controls, Inc. N.A. ETC[ETC] List of Unclassifed Manufacturers
|