PART |
Description |
Maker |
M5M5V208FP-10LL-W M5M5V208FP-10L-W M5M5V208FP-12LL |
From old datasheet system Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM 2097152位(262144 - Word8位)的CMOS静态RAM 2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM 2097152位(262144 - Word位)的CMOS静RAM 2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM 2097152位(262144 - Word位)的CMOS静态RAM
|
http:// MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M5M5V208AKR M5M5V208AKV D99016 M5M5V208AKR-55LW |
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM From old datasheet system
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M5M4V64S30ATP-8A M5M4V64S30ATP-8L |
64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
|
Mitsubishi Electric Corporation
|
HM5216808/5216408C HM5216808CTT-80 |
1048576-word*8-bit*2-bank synchronous dynamic RAM(SSTL-3)
2097152-word*8-bit*2-bank synchronous dynamic RAM(SSTL-3) x8 SDRAM x8 SDRAM内存
|
Hitachi,Ltd.
|
MSC2323258A MSC2323258A-XXBS4 MSC2323258A-XXDS4 |
2097152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO 2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO DPDT 10A MINI 24VDC 2097152字32位DRAM模块:快速页面模式型与江
|
OKI electronic components OKI[OKI electronic componets] OKI SEMICONDUCTOR CO., LTD.
|
MSC23B2321D-XXDS4 MSC23B2321D MSC23B2321D-XXBS4 |
From old datasheet system 2097152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE 2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE 4PDT 5A MINI 24VAC
|
OKI electronic components OKI[OKI electronic componets] OKI SEMICONDUCTOR CO., LTD.
|
MR27V6452D |
4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM From old datasheet system
|
OKI
|
MR27V6452DMA MR27V6452D |
4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
|
OKI[OKI electronic componets]
|
MSC23236CL-XXBC20 MSC23236CL-XXDS20 MSC23236C |
2,097,152-WORD X 36-BIT DRAM MODULE : FAST PAGE MODE TYPE 2097152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE Solid-State Panel Mount Relay; Leaded Process Compatible:No; Output Current:50A; Output Type:SCR; Peak Reflow Compatible (260 C):No; Supply Voltage Max:660VAC; Supply Voltage Min:410VAC
|
OKI electronic components OKI[OKI electronic componets] OKI SEMICONDUCTOR CO., LTD.
|
MR27V3255D |
1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM
|
OKI electronic components OKI[OKI electronic componets] OKI SEMICONDUCTOR CO., LTD.
|
MR27V802D |
524288-Word x 16-Bit or 1048576-Word x 8-Bit One Time PROM 524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
|
OKI electronic components OKI[OKI electronic componets]
|
UPD23C16000BLGY-XXX-MJH UPD23C16000BLGY-XXX-MKH UP |
16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE) 1,600位掩膜可编程ROM00万字位(字节模式 100万字6位(字模式)
|
NEC, Corp. NEC Corp.
|