PART |
Description |
Maker |
MCR225FP_D ON1811 |
ISOLATED SCRs 25 AMPERES RMS 600 thru 800 VOLTS From old datasheet system
|
ON Semi
|
MCR8 |
SCRs 8 AMPERES RMS 400 thru 800 VOLTS
|
Motorola, Inc.
|
2N6395 2N6397 2N6399 2N6394 ON0091 2N6398 |
SCRs 12 AMPERES RMS 50 thru 800 VOLTS From old datasheet system
|
Motorola Inc MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
2N6394G 2N639406 2N6397G 2N6395G 2N6399G 2N6399 2N |
Silicon Controlled Rectifiers SCRs 12 AMPERES RMS 50 thru 800 VOLTS
|
ONSEMI[ON Semiconductor]
|
MCR25N MCR25M MCR25D ON1816 MCR25-D |
Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 400 thru 800VOLTS From old datasheet system
|
ONSEMI[ON Semiconductor]
|
MCR265-10 MCR265-8 MCR265-6 MCR265-4 ON1820 MCR265 |
Silicon Controlled Rectifiers Reverse Blocking Thyristors From old datasheet system SCRs 55 AMPERES RMS 200 thru 800 VOLTS
|
ON Semiconductor
|
MAC320-10 MAC320-4 MAC320-6 MAC320-8 MAC320A10 MAC |
TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 200 V, 20 A, TRIAC, TO-220AB TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 600 V, 20 A, TRIAC, TO-220AB RF/Coaxial Connector; RF Coax Type:MMCX; Impedance:50ohm; Body Style:Straight Plug; Frequency Max:6GHz; Mounting Type:Edge Card; Voltage Rating:170V RoHS Compliant: Yes 800 V, 20 A, TRIAC, TO-220AB TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 800 V, 20 A, TRIAC, TO-220AB
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
MAC4DHM MAC4DLM |
TRIACS 4.0 AMPERES RMS 600 VOLTS
|
MOTOROLA[Motorola, Inc]
|
T2323 T2322 |
SENSITIVE GATE TRIACs 2.5 AMPERES RMS 200 thru 600 VOLTS
|
Motorola, Inc. MOTOROLA[Motorola, Inc]
|
T510 T5100050 T5100080 T5100150 T5100180 T5100250 |
Phase Control SCR (50-80 Amperes (80-125 RMS) 600 Volts) 第一阶段控制晶闸管(50-80安培0-125 RMS)的600伏特 CONNECTOR ACCESSORY 第一阶段控制晶闸管(50-80安培0-125 RMS)的600伏特 5015 RR 17#16 PIN PLUG F0 200V, 80A phase control single thyristor
|
Powerex Power Semicondu... Air Cost Control Powerex, Inc. PPS POWEREX[Powerex Power Semiconductors]
|
CM75DU-12F |
Trench Gate Design Dual IGBTMOD75 Amperes/600 Volts 75 A, 600 V, N-CHANNEL IGBT Trench Gate Design Dual IGBTMOD⑩ 75 Amperes/600 Volts Trench Gate Design Dual IGBTMOD?/a> 75 Amperes/600 Volts
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|