PART |
Description |
Maker |
MAX4832 MAX4833 MAX4832EUT18D1 MAX4832ETT18D1 MAX4 |
3.0 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 3.0 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 2.5 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 1.8 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 1.8 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 2.8 V FIXED POSITIVE LDO REGULATOR, 0.13 V DROPOUT, DSO6 From old datasheet system 100mA LDO Linear Regulators with Current-Limiting Switch 3.3 V, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 225 ms, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 3.75 ms, 100 mA LDO regulator with current-limiting switch 3.3 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 1.8 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 2.5 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 2.5 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 2.8 V, reset timeout: 1800 ms, 100 mA LDO regulator with current-limiting switch 3.0 V, reset timeout: 30 ms, 100 mA LDO regulator with current-limiting switch 3.0 V, 100 mA LDO regulator with current-limiting switch
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX4834 MAX4833 MAX4835 MAX4834ETT18C-T MAX4834ETT |
2.5 V, reset timeout: 1800 ms, 250 mA LDO linear regulator with current-limiting switch 3.3 V, reset timeout: 225 ms, 250 mA LDO linear regulator with current-limiting switch 3.3 V, reset timeout: 3.75 ms, 250 mA LDO linear regulator with current-limiting switch 2.5 V FIXED POSITIVE LDO REGULATOR, 0.165 V DROPOUT, PDSO6 2.8 V FIXED POSITIVE LDO REGULATOR, 0.165 V DROPOUT, DSO6 250mA LDO Linear Regulators with Current-Limiting Switch 3.3 V, 250 mA LDO linear regulator with current-limiting switch 3.3 V, reset timeout: 30 ms, 250 mA LDO linear regulator with current-limiting switch 3.3 V, reset timeout: 1800 ms, 250 mA LDO linear regulator with current-limiting switch
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX6412UK22-T MAX6413UK22-T MAX6414UK22-T MAX6418U |
Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Quad Low-Capacitance Array With /-15-kV ESD Protection 5-SOT -40 to 85 低功耗、单/双电压、微处理器复位电路,带有电容可调的复位超时周 Low-Capacitance 4-Channel /-15-kV ESD Protection Array for High-Speed Data Interfaces 6-SOT -40 to 85 Low-Power Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay Low-Power / Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|
2SB768 2SB768K |
Low-Power, SC70/SOT µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay PNP SILICON TRIPLE DIFFUSED TRANSISTOR MP-3
|
NEC Corp. Panasonic Semiconductor
|
MAX6746 MAX6746KA-T MAX6746-MAX6753 MAX6747KA-T MA |
Dual-Output Low-Dropout (LDO) Voltage Regulator for 3.3V and 1.5V 20-SO PowerPAD 0 to 70 复位电路的电容可调的复位/看门狗超时周 UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
2SC5473TENTATIVE |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
|
2SD1330T 2SD1330R |
Low-Power, SC70/SOT µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay 晶体管|晶体管|叩| 20V的五(巴西)总裁| 500mA的一(c)|律师- 71
|
Panasonic, Corp.
|
2SC5808 |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay Switching Power Supply Applications
|
Hynix Semiconductor, Inc. Sanyo Semicon Device
|
2SC5335 2SC5335TENTATIVE |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay Silicon NPN epitaxial planer type(For low-frequency output amplification)
|
Panasonic Corporation Panasonic Semiconductor
|
2SD0973A2SD973A 2SD973A |
Small-signal device - Small-signal transistor - General-use Low-Frequency Amplifires Low-Power, SC70/SOT µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
Panasonic
|
2SD0968A 2SD0968A2SD968A |
Low-Power, SC70/SOT µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay Small-signal device - Small-signal transistor - General-use Low-Frequency Amplifires
|
Panasonic
|
|