PART |
Description |
Maker |
IXFH80N20Q IXFK80N20Q IXFT80N20Q |
Discrete MOSFETs: HiPerFET Power MOSFETS TRANSISTOR|MOSFET|N-CHANNEL|200VV(BR)DSS|80AI(D)|TO-247AD
HiPerFET Power MOSFETs Q-Class
|
IXYS[IXYS Corporation]
|
IXFH80N10Q IXFT80N10Q |
N-Channel Enhancement Mode HiPerFET Power MOSFET(??ぇ婕???荤┛?靛?00V,瀵奸??甸?5m惟??娌??澧?己??iPerFET???MOSFET) Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFET Power MOSFETs Q-Class
|
IXYS Corporation
|
IXFR24N50 IXFR26N50 |
Discrete MOSFETs: HiPerFET Power MOSFETS HIPERFET POWER MOSFETS ISOPLUS247 (ELECTRICALLY ISOLATED BACK SURFACE)
|
IXYS Corporation
|
IXFR4N100Q |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFET Power MOSFETs ISOPLUS247 (Electrically Isolated Backside)
|
IXYS
|
IXFH32N50Q IXFT32N50Q |
32 A, 500 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD HiPerFET?/a> Power MOSFETs Q-Class HiPerFET⑩ Power MOSFETs Q-Class Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS Corporation
|
IXFX120N20 IXFK120N20 |
HiPerFET Power MOSFETs CAP 0.01UF 50V 10% NP0(C0G) DIP-2 TUBE-PAK R-MIL-PRF-39014/22 120 A, 200 V, 0.017 ohm, N-CHANNEL, Si, POWER, MOSFET Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IXFTN100 IXFX15N100 IXFH14N100 IXFHN100 IXFX14N100 |
HiPerFET Power MOSFETs 14 A, 1000 V, 0.75 ohm, N-CHANNEL, Si, POWER, MOSFET Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IXFH4N100 IXFT4N100 IXFH4N100Q IXFT4N100Q |
N-Channel Enhancement Mode HiPerFET Power MOSFET(最大漏源击穿电000V,导通电.0Ω的N沟道增强型HiPerFET功率MOSFET) 4 A, 1000 V, 3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD TRANSISTOR | MOSFET | N-CHANNEL | 1KV V(BR)DSS | 4A I(D) | TO-247AD HiPerFET Power MOSFETs Q-Class Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IXFH9N80 IXFH8N80 |
HiPerFET Power MOSFETs - N-Channel Enhancement Mode High dv/dt, Low trr, HDMOSTM Family N-Channel Enhancement Mode HiPerFET Power MOSFET(最大漏源击穿电00V,导通电.1Ω的N沟道增强B>HiPerFET功率MOSFET) Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS[IXYS Corporation]
|
IXFK120N20P IXFH120N20P IXFT120N20P |
Discrete MOSFETs: HiPerFET Power MOSFETS PolarHT HiPerFET Power MOSFET
|
IXYS[IXYS Corporation]
|
IXFK48N50Q03 IXFX48N50Q IXFK44N50Q IXFX44N50Q IXFK |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFET Power MOSFETs Q-CLASS
|
IXYS Corporation
|
IXFX180N10 IXFK180N10 |
Discrete MOSFETs: HiPerFET Power MOSFETS 100V HiperFET Power MOSFET Single MOSFET Die
|
IXYS[IXYS Corporation]
|