PART |
Description |
Maker |
74LVT162244B 74LVT162244BDGG 74LVT162244BDL 74LVT1 |
3.3V 16-bit buffer/driver with 30 termination resistors 3.3 V 16-bit buffer-driver with 30 Ohm termination resistors 12-Bit Asynchronous Binary Counters 16-TSSOP -40 to 85 From old datasheet system 3.3V 16-bit buffer/driver with 30ohm termination resistors 3.3 V 16-bit buffer/driver with 30 Ohm termination resistors
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74VCX16827 74VCX16827MTD 74VCX16827MTDX 74VCX16827 |
Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs Dual 10-Bit Buffer/Driver ALVC/VCX/A SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ACTQ16240 74ACTQ16240MTD 74ACTQ16240SSC 74ACTQ16 |
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs From old datasheet system 20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor Quad 4-Bit Buffer/Driver ACT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 GTLP-to-LVTTL 1-to-6 Fanout Driver 24-SOIC -40 to 85 ACT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74LCXZ16244 74LCXZ16244MEA 74LCXZ16244GX 74LCXZ162 |
Quad 4-Bit Buffer/Driver 4位缓冲器/驱动 Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
|
PRECI-DIP SA Fairchild Semiconductor
|
74ABT2240CMSA 74ABT2240CMTC 74ABT2240CSC 74ABT2240 |
Dual 4-Bit Inverting Buffer/Driver ABT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers From old datasheet system Octal Buffer/Line Driver with 25 Series Resistors in the Outputs Octal Buffer/Line Driver with 25з Series Resistors in the Outputs Octal Buffer/Line Driver with 25-Ohm Series Resistors in the Outputs Octal Buffer/Line Driver with 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74ALVC16244APAG 74ALVC16244APAG8 |
3.3V CMOS 16-BIT BUFFER/DRIVER
|
Integrated Device Techn...
|
IDT74LVCH16244A IDT74LVCH16244APV IDT74LVCH16244AP |
3.3V CMOS 16-Bit Buffer/Driver with 3-State Outputs, 5.0V Tolerant I/O, and Bus-Hold 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5V TOLERANT I/O, AND BUS-HOLD 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
|
IDT[Integrated Device Technology]
|
QS74FCT2X3244 |
CMOS 16-Bit Buffer / Line Driver
|
Quality Semiconductor
|
74ABT16244A 74ABT16244ADGG 74ABT16244ADL 74ABH1624 |
74ABT16244A/74ABTH16244A; 16-bit buffer/line driver (3-State) 16-Bit Buffer/Line Driver (3-State)(0Ω系列电阻0位缓冲器/线驱动器(三态)) 16-bit buffer/line driver 3-State 16位缓冲器/线路驱动器三
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
PI74LCX16244 PI74LCX16244A PI74LCX16244V |
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
|
PERICOM[Pericom Semiconductor Corporation]
|