PART |
Description |
Maker |
SB07-03C |
30V/ 700mA Rectifier Small signal(single type) 30V 700mA Rectifier 30V, 700mA Rectifier Shottky Barrier Diode
|
Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
SB07-015C |
Schottky Barrier Diode 15V, 700mA Rectifier Shottky Barrier Diode
|
Sanyo Electric Co.,Ltd. Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
MP6507GR MP6507GQ MP6507GM MP6507GF |
2.7V-to-15V, 700mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
|
Monolithic Power System...
|
125NQ015 125NQ015R 125NQ015PBF |
120 A, 15 V, SILICON, RECTIFIER DIODE 15V 120A Schottky DISCR. (R) Diode in a D-67 HALF-Pak package 15V 120A Schottky Discrete Diode in a D-67 HALF-Pak package
|
International Rectifier
|
SM30CXC614 SM30CXC624 SM14CXC170 SM02CXC190 SM02CX |
1160 A, 3000 V, SILICON, RECTIFIER DIODE 1106 A, 3000 V, SILICON, RECTIFIER DIODE 440 A, 1400 V, SILICON, RECTIFIER DIODE 760 A, 200 V, SILICON, RECTIFIER DIODE 440 A, 200 V, SILICON, RECTIFIER DIODE 940 A, 2000 V, SILICON, RECTIFIER DIODE 1610 A, 2600 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
40L15CT-1 40L15CTS 40L15CT 40L15CTSTRL 40L15CTSTRR |
SCHOTTKY RECTIFIER 15V 40A Schottky Common Cathode Diode in a D2-Pak package 15V 40A Schottky Common Cathode Diode in a TO-262 package SCHOTTKY RECTIFIER 2 x 20 Amps SCHOTTKY RECTIFIER 肖特基整流器
|
IRF[International Rectifier] International Rectifier, Corp.
|
SBS804 |
15V/ 1A Rectifier 15V, 1A Rectifier
|
Sanyo Semicon Device
|
SBS808M |
Schottky Barrier Diode 15V, 1A Rectifier
|
Sanyo Semicon Device
|
SB10-015P |
Schottky Barrier Diode 15V, 1A Rectifier
|
Sanyo Semicon Device
|
HI1-5040-2 HI1-5040-5 HI1-5040-7 HI1-5040_883 HI3- |
15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
|
Harris Corporation
|