PART |
Description |
Maker |
BP5041A5 |
AC220V input, 5V/100mA output
|
Rohm CO.,LTD.
|
BP5047A24 |
AC220V input, 24V/150mA output
|
Rohm
|
BP5048-24 |
AC/DC converter - AC220V input, 24V/200mA output
|
ROHM[Rohm]
|
LP78090 |
Programmable Charge Current Up to 1000mA
|
Lowpower Semiconductor ...
|
MM1661XF MM1663XF MM1662XF |
(MM166xxF) 1000mA Regulator monolithic IC
|
Mitsumi Electric
|
WS4508S |
1000mA, Single Li-ion Battery Charger
|
TY Semiconductor Co., L...
|
TML15212 TML05112 TML15105 TML15124 TML05205 TML10 |
Encapsulated Power Supply 15 Watt, input voltage range: 85-264V, output voltage /-12V ( /-650mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-15V (2000/ /-150mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 12V (2500mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 15V (2000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-5V ( /-3000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 15V (1000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-5V ( /-1500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 12V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-12V ( /-1300mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 24V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 5V (6000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 3.3V (6000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-12V (2000/ /-200mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-15V ( /-500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 24V (625mA), encapsulated power supply
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
SL0833001 |
TRANS,WALL,7.5VDC/1000mA, F1,2.1X5.5mm,UL(STA-4875)
|
Ametherm, Inc
|
FX5545G201 |
Industry Smallest and Low Profile 3W 1000mA DC/DC Buck Converter with High Output Power Density
|
VISAY[Vishay Siliconix]
|
ISL43410 |
Analog Switch, DPDT or 2 to 1 Mux, Single, Ron = 45 @ 12V, Single Supply 2V to 12V, with inhibit, off leakage 1nA
|
Intersil
|
ADG1409 ADG1408 |
5з ヌax Ron, 4-/8-Channel 5V/12V/V Multiplexers 5зヌ斧罗恩-/8-Channel5V/12V /V的多路复用器 5 ax Ron/ 4-/8-Channel 15V/12V/5V Multiplexers 5з ヌax Ron, 4-/8-Channel 【15V/12V/【5V Multiplexers 5?Μax Ron, 4-/8-Channel ±15V/12V/±5V Multiplexers
|
Analog Devices, Inc. AD[Analog Devices]
|
|