PART |
Description |
Maker |
IDT71V67702S80BQ IDT71V67702S80BGI8 IDT71V67702S80 |
3.3V 256K x 36 Synchronous 2.5V I/O Flowthrough SRAM
|
IDT
|
MBM29F400TA MBM29F400BA |
4M (512K×8/256K ×16) Bit Flash Memory(4M V 电源电压512K×8/256K ×16位闪速存储器) 4分(12k × 8/256K × 16)位闪存分单5V的电源电压为512k × 8/256K × 16位闪速存储器
|
Fujitsu Limited
|
AS7C33512NTF32_36A AS7C33512NTF32-36A.V1.3 AS7C335 |
3.3V 512K x 32/36 Flowthrough Synchronous SRAM with NTD 512K X 36 ZBT SRAM, 7.5 ns, PQFP100 3.3V 512K x 32/36 Flowthrough Synchronous SRAM with NTD 512K X 32 ZBT SRAM, 7.5 ns, PQFP100 From old datasheet system NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
M27C4002-15J1 M27C4002-80XJ6TR M27C4002-80XJ1X M27 |
256K X 16 UVPROM, 150 ns, CQCC44 256K X 16 UVPROM, 80 ns, CQCC44 256K X 16 UVPROM, 70 ns, CDIP40 256K X 16 OTPROM, 120 ns, PDIP40 256K X 16 OTPROM, 120 ns, PQCC44 256K X 16 OTPROM, 200 ns, PQCC44 256K X 16 UVPROM, 60 ns, CQCC44
|
STMICROELECTRONICS
|
A29002V-100 A29002-70 A29002L-70 A29002V-70 A29002 |
110ns 20mA 256K x 8bit CMOS 5.0V-only 70ns 20mA 256K x 8bit CMOS 5.0V-only 100ns 20mA 256K x 8bit CMOS 5.0V-only 120ns 20mA 256K x 8bit CMOS 5.0V-only 150ns 20mA 256K x 8bit CMOS 5.0V-only 90ns 20mA 256K x 8bit CMOS 5.0V-only 55ns 20mA 256K x 8bit CMOS 5.0V-only
|
AMIC Technology
|
MX26C2000BQI-15 MX26C2000BTC-10 MX26C2000BTI-10 MX |
DIODE SCHOTTKY 15V 2X35A TO247AD SWITCH PB SPST-NO .4VA SOLDERLUG CONNECTOR ACCESSORY 2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 IC HALF BRIDGE DRVR HS 2A 16-DIP 256K X 8 FLASH 12V PROM, 90 ns, PQCC32 2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 256K X 8 FLASH 12V PROM, 90 ns, PDSO32
|
Macronix International Co., Ltd. MACRONIX INTERNATIONAL CO LTD
|
AS7C251MNTF18A-85TQI AS7C251MNTF18A AS7C251MNTF18A |
2.5V 1M x 18 Flowthrough Synchronous SRAM with NTD 1M X 18 ZBT SRAM, 10 ns, PQFP100
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
IDT71V416S10PHG IDT71V416S10PHGI IDT71V416S12PHG I |
3.3V 256K x 16 Static RAM Center Pwr & Gnd Pinout 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 12 ns, PDSO44 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 15 ns, PBGA48 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 10 ns, PDSO44
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
CD54HC162F3A CD54HC162H/3 |
HC/UH SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP DECADE COUNTER, CDIP16 HC/UH SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP DECADE COUNTER, UUC16
|
HARRIS SEMICONDUCTOR
|
AT27C4096 AT27C4096-12 AT27C4096-12JC AT27C4096-12 |
Dual 4-Channel Analog Multiplexer/Demultiplexer 16-SOIC -40 to 85 256K X 16 OTPROM, 70 ns, PQCC44 8-Channel Analog Multiplexer/Demultiplexer 16-TSSOP -40 to 85 256K X 16 OTPROM, 120 ns, PDSO40 Dual 4-Channel Analog Multiplexer/Demultiplexer 16-SSOP -40 to 85 256K X 16 OTPROM, 70 ns, PDIP40 4-Megabit 256K x 16 OTP EPROM 256K X 16 OTPROM, 55 ns, PQCC44 4-Megabit 256K x 16 OTP EPROM 256K X 16 OTPROM, 55 ns, PDIP40 Dual 4-Channel Analog Multiplexer/Demultiplexer 16-TVSOP -40 to 85 256K X 16 OTPROM, 90 ns, PDIP40 TV 26C 26#20 SKT WALL RECP Automotive Catalog 8-Channel Analog Multiplexer/Demultiplexer 16-SOIC -40 to 105 8-Channel Analog Multiplexer/Demultiplexer 16-VQFN -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
74HCT4510 74HC4510 74HC4510PW 74HC4510D 74HC4510DB |
Quadruple D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 BCD up/down counter HC/UH SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT BIDIRECTIONAL DECADE COUNTER, PDSO16 BCD up/down counter HC/UH SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT BIDIRECTIONAL DECADE COUNTER, PDIP16 BCD up/down counter BCD码向向下计数
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|