PART |
Description |
Maker |
AD8502ARJZ-REEL7 AD8502ARJZ-R2 AD8504ARUZ AD8504AR |
1 µA Micropower CMOS Operational Amplifier; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 5500 uV OFFSET-MAX, 0.007 MHz BAND WIDTH, PDSO8 1 muA Micropower CMOS Operational Amplifiers
|
Analog Devices, Inc.
|
OP-05AJ8 LT0005 OP-05J8 OP-05 OP-05A OP-05AH OP-05 |
Operational Amplifier 运算放大 Operational Amplifier OP-AMP, 500 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, PDIP8 Operational Amplifier OP-AMP, 1300 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, PDIP8 Operational Amplifier OP-AMP, 1300 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, MBCY8 Operational Amplifier OP-AMP, 500 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, CDIP8 Operational Amplifier OP-AMP, 1300 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, CDIP8 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
HDM8515P |
Operational Amplifier (Op-Amp) IC; Number of Amplifiers:4; Package/Case:14-DIP; Op Amp Type:Low Power; Single Supply Voltage Min ( V):3V; Dual Supply Voltage Max ( /- V):16V; Amplifier Type:Operational; Mounting Type:Through Hole 的DVB /决策支持系统兼容接收
|
Hynix Semiconductor, Inc.
|
LT1055CN8PBF |
Precision, High Speed, JFET Input Operational Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 1250 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDIP8
|
Linear Technology, Corp.
|
LT1007CN8PBF |
Low Noise, High Speed Precision Operational Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 110 uV OFFSET-MAX, 8 MHz BAND WIDTH, PDIP8
|
Linear Technology, Corp.
|
LT1814 LT1813 LT1813HV LT1813DMS8PBF LT1813HVCS8TR |
Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO16 Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 2000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8 Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 2000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8 Quad 3mA, 100MHz, 750V/us Op Amp Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifier Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier
|
Linear Technology, Corp.
|
MCP606-I/P MCP606-I/SN MCP606-I/ST MCP609-I/P MCP6 |
The MCP606 operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 and ... The MCP609 quad operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 ... The MCP608 operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 and ... The MCP607 dual operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 ... 2.5V TO 5.5V MICROPOWER CMOS OP AMPS
|
Microchip Technology Inc.
|
HDM20416L- HDM20416L-B |
Operational Amplifier (Op-Amp) IC; Number of Amplifiers:1; Package/Case:8-DIP; Op Amp Type:General Purpose; Dual Supply Voltage Max ( /- V):20V; Amplifier Type:Operational; Mounting Type:Through Hole 20 Character x 4 Lines LED Backlight 20 Character x 4 Lines, LED Backlight
|
Electronic Theatre Controls, Inc. ETC[ETC] HANTRONIX
|
LT1468CDD-2PBF LT1468CDD-2TRPBF LT1468-209 LT1468A |
16-Bit DAC Current-to-Voltage Converter 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C OP-AMP, 400 uV OFFSET-MAX, 88 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
MCP6041 MCP6043 MCP6044 MCP6042 MCP6044T MCP6041T |
The MCP6041 operational amplifier (op amp) has a gain bandwidth product of 14 kHz with a low typical operating current of 600 nA ... The MCP6044 quad operational amplifier (op amp) has a gain bandwidth product of 14 kHz with a low typical operating current of 600 ... The MCP6043 operational amplifier (op amp) has a gain bandwidth product of 14 kHz with a low typical operating current of 600 nA ... The MCP6042 dual operational amplifier (op amp) has a gain bandwidth product of 14 kHz with a low typical operating current of 600 ... 600 nA, Rail-to-Rail Input/Output Op Amps
|
MICROCHIP[Microchip Technology]
|
LTC2055HVIDD LTC2055HMS8 |
Single/Dual Micropower Zero-Drift Operational Amplifiers; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 5 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO8 Single/Dual Micropower Zero-Drift Operational Amplifiers; Package: MSOP; No of Pins: 8; Temperature Range: -40° to 125°C DUAL OP-AMP, 3 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
LF412A LF412ACH LF412ACJ8 LF412ACN8 LF412AMJ8 LF41 |
Dual Precision JFET Input Operational Amplifiers DUAL OP-AMP, 2000 uV OFFSET-MAX, 5.7 MHz BAND WIDTH, MBCY8 Dual Precision JFET Input Operational Amplifiers DUAL OP-AMP, 1650 uV OFFSET-MAX, 5.7 MHz BAND WIDTH, PDIP8 Dual Precision JFET Input Operational Amplifiers DUAL OP-AMP, 5000 uV OFFSET-MAX, 5.5 MHz BAND WIDTH, MBCY8 RES 887 OHM 1/4W 1% 1206 SMD DUAL OP-AMP, 3900 uV OFFSET-MAX, 5.5 MHz BAND WIDTH, MBCY8 RES 665K OHM 1/4W 1% 1206 SMD DUAL OP-AMP, 2000 uV OFFSET-MAX, 5.7 MHz BAND WIDTH, MBCY8 Dual Precision JFET Input Operational Amplifiers DUAL OP-AMP, 3900 uV OFFSET-MAX, 5.5 MHz BAND WIDTH, CDIP8 Dual Precision JFET Input Operational Amplifiers DUAL OP-AMP, 5000 uV OFFSET-MAX, 5.5 MHz BAND WIDTH, CDIP8 Dual Precision JFET Input Operational Amplifiers DUAL OP-AMP, 2000 uV OFFSET-MAX, 5.7 MHz BAND WIDTH, CDIP8 Dual Precision JFET Input Operational Amplifiers DUAL OP-AMP, 1650 uV OFFSET-MAX, 5.7 MHz BAND WIDTH, CDIP8 From old datasheet system
|
Linear Technology, Corp. Linear Integrated Systems
|
|