PART |
Description |
Maker |
RC64474 RC64475 79RC64474_DS_53993 IDT79RC64V47425 |
Low Cost 64-Bit RISC CPU **NOT RECOMMENDED FOR NEW DESIGNS** RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000 64-BIT, 250 MHz, RISC PROCESSOR, PQFP128 RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000 RISControllerTM嵌入4位的基础RISCore4000微处理器 RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000 64-BIT, 250 MHz, RISC PROCESSOR, PQFP208 RISControllerTM Embedded 64-bit Microprocessor based on RISCore4000 From old datasheet system Low Cost 64-Bit RISC CPU w/32-Bit Bus
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
80960KA A80960KA-16 A80960KA-25 |
Embedded 32-bit microprocessor 25MHz Embedded 32-bit microprocessor 16MHz
|
INTEL[Intel Corporation]
|
GD80960JF-33 |
EMBEDDED 32-BIT MICROPROCESSOR
|
Intel Corporation
|
TG80960JA-25 NG80960JA-16 NG80960JA-25 NG80960JA-3 |
EMBEDDED 32-BIT MICROPROCESSOR
|
Intel Corporation
|
IDT79RV4650 IDT79RV4650100MS IDT79RV4650133MS IDT7 |
EMBEDDED 64-BIT ORION RISC MICROPROCESSOR
|
Integrated Device Technology
|
TS80C186EB20 80L186EB 80C188EB TN80C188EB20 80C186 |
From old datasheet system MICROPROCESSOR,16-BIT,CMOS,LDCC,84PIN,PLASTIC 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
|
INTEL[Intel Corporation]
|
MPE603EED MPE603EEC |
EC603e Embedded RISC Microprocessor Hardware Specifications (PID6) From old datasheet system EC603e IM Embedded RISC Microprocessor
|
Motorola
|
ST40RA166 8672 |
32-BIT EMBEDDED SUPERH MICROPROCESSOR From old datasheet system
|
STMicroelectronics
|
KU80960CF-16 KU80960CF-25 KU80960CF-33 A80960CF-16 |
32-bit high-performance superscalar embedded microprocessor
|
Intel
|
A80960KB25 |
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
|
Intel Corporation
|
TMU3100 TMU3100CC TMU3100DC TMU3100SSC |
The TMU3100 is an 8-bit microprocessor embedded device tailored to USB/PS2 Keyboard application
|
List of Unclassifed Manufacturers ETC
|
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|