PART |
Description |
Maker |
2N1122 2N1405 2N1407 2N1101 2N1140 2N1535 2N1472 2 |
TRANSISTOR | BJT | PNP | 11V V(BR)CEO | 50MA I(C) | TO-24 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-12 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-22 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 100MA I(C) | TO-9 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 3.5A I(C) | IST-3RT-1/2 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50A I(C) | TO-36 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 7.5A I(C) | TO-82 TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 7.5A I(C) | TO-82 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 12A I(C) | TO-3 TRANSISTOR | BJT | PNP | 110V V(BR)CEO | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 25MA I(C) | TO-22VAR TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 25A I(C) | TO-36 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 90V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 7A I(C) | TO-3 晶体管|晶体管|进步党| 50V五(巴西)总裁| 7A条一(c)| 5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管|进步党| 12V的五(巴西)总裁| 100mA的一(c)| 5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管|进步党| 65V的五(巴西)总裁|5A一(c)|6 TRANSISTOR | BJT | PNP | 15A I(C) | TO-36 TRANSISTOR | BJT | PNP | 38V V(BR)CEO | 15A I(C) | TO-41
|
NXP Semiconductors N.V. Microsemi, Corp.
|
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|
FA1F4Z FA1F4ZL65 FA1F4Z-L FA1F4Z-T2B |
Compound transistor MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR MINI MOLD TRANSISTOR | 60V V(BR)CEO | 100MA I(C) | SOT-346
|
NEC Corp.
|
IPB100N08S2-07 IPI100N08S2-07 IPP100N08S2-07 SP000 |
OptiMOSPower-Transistor 的OptiMOS㈢功率晶体管 OPTIMOS⑶ POWER-TRANSISTOR OptiMOS㈢ Power-Transistor OptiMOS? Power-Transistor
|
INFINEON[Infineon Technologies AG]
|
OC28 OC22 OC23 OC30 OC25 OC19 OC36 AUY29IV AUY24 A |
TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-3 TRANSISTOR | BJT | PNP | 24V V(BR)CEO | 1A I(C) | TO-3 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 1.4A I(C) | TO-66VAR TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 4A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 3A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 8A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 15A I(C) | TO-41 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 3A I(C) | TO-41 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 3A I(C) | TO-41 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 8A I(C) | TO-41 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 8A条一(c)|1
|
Vicor, Corp. Marktech Optoelectronics
|
SDT13204 SDT1617 SDT1618 SDT1621 SDT1622 SDT1623 S |
TRANSISTOR | BJT | NPN | 175V V(BR)CEO | 5A I(C) | TO-66 TRANSISTOR | BJT | NPN | 450V V(BR)CEO | 10A I(C) | TO-210AC
TRANSISTOR | BJT | NPN | 175V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 125V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 10A I(C) | TO-39 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-66 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | STR-10 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-111 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 5A I(C) | STR-10 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 550V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | NPN | 700V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 5A I(C) | TO-66 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 5A I(C) | STR-10 TRANSISTOR | BJT | NPN | 600V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | NPN | 750V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 10A I(C) | TO-66 TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 10A I(C) | TO-66 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 10A I(C) | TO-66 TRANSISTOR | BJT | NPN | 750V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 800V V(BR)CEO | 5A I(C) | TO-3 晶体管|晶体管|叩| 60V的五(巴西)总裁| 5A条一c)|11 晶体管|晶体管|叩| 40V的五(巴西)总裁| 5A条一c)|11 晶体管|晶体管|叩| 80V的五(巴西)总裁| 5A条一c)|11 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 10A I(C) | TO-210AC 晶体管|晶体管| npn型| 120伏特五(巴西)总裁| 10A条一(c)|10AC TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 5A I(C) | TO-5 晶体管|晶体管|叩| 50V五(巴西)总裁| 5A条一(c)| TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 10A I(C) | TO-210AC 晶体管|晶体管|叩| 400V五(巴西)总裁| 10A条一(c)|10AC
|
Serpac Electronic Enclosures Atmel, Corp. AUK, Corp.
|
BFP650 |
Digital Transistors - NPN SiGe RF Transistor, high power amplifiers, low noise RF transistor in SOT343 Package, 4V, 150mA NPN Silicon Germanium RF Transistor
|
Infineon Technologies AG
|
2N1493 2N1410 2N335 2N337 2N333 2N2537 2N3510 2N36 |
5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | NPN | 25MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 10V V(BR)CEO | 500MA I(C) | TO-52 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 500MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 50MA I(C) | TO-72 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 6V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 7V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 300MA I(C) | TO-5
|
Weidmuller, Corp.
|
GA1F4Z GA1F4ZL65 GA1F4ZL64 GA1F4Z-T2 |
Hybrid transistor MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SOT-323 晶体管| 50V五(巴西)总裁| 100mA的一(c)|的SOT - 323
|
NEC[NEC] NEC Corp. NEC, Corp.
|
SPA11N60C2 SPB11N60C2 SPP11N60C2 |
Cool MOS?/a> Power Transistor for lowest Conduction Losses & fastest Switching Cool MOS Power Transistor Cool MOS??Power Transistor Cool MOS⑩ Power Transistor Cool MOSPower Transistor 酷马鞍山⑩功率晶体管
|
INFINEON[Infineon Technologies AG]
|
2N2060A |
Dual Amplifier Transistor(Small Signal Dual Transistor in a TO-77 Hermetic Package具有放大器功能的双晶体管(TO-77封装两个小信号晶体管 双放大器晶体管(双小信号晶体管采用TO - 77气密封装)(具有放大器功能的双晶体管(至77封装两个小信号晶体管)) DUAL AMPLIFIER TRANSISTOR 500 mA, 60 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, MO-002AF
|
Central Semiconductor, Corp. TT electronics Semelab, Ltd. Semelab(Magnatec) TT electronics Semelab Limited SEME-LAB[Seme LAB]
|