PART |
Description |
Maker |
OP793 OP798 |
NPN Pho to tran sis tor with Base- Emitter Resistor
|
OPTEK Technologies
|
MCRF355 MCRF360 |
The MCRF355 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features optimized at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran The MCRF360 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features operating at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran
|
Microchip
|
BUL147-D |
SWITCHMODE NPN Bipolar Power Transistor For Switching Power Supply Applications Power 10A 400V NPN
|
ON Semiconductor
|
2N5038 JAN2N5039 JANTXV2N5039 2N5039 JAN2N5038 JAN |
NPN HIGH POWER SILICON TRANSISTOR 20 A, 90 V, NPN, Si, POWER TRANSISTOR, TO-204AA NPN HIGH POWER SILICON TRANSISTOR 2 A, 90 V, NPN, Si, POWER TRANSISTOR, TO-3 From old datasheet system (JAN2N5038 / JAN2N5039) NPN HIGH POWER SILICON TRANSISTOR NPN Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
MJE1300906 MJE13009G MJE13009 |
SWITCHMODE Series NPN Silicon Power Transistors(开关模式系列NPN硅功率晶体管) 12 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB 12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS − 100 WATTS
|
ONSEMI[ON Semiconductor]
|
MJ802 |
High-Power NPN Silicon Transistor 30 A, 90 V, NPN, Si, POWER TRANSISTOR, TO-204AA 30 AMPERE POWER TRANSISTOR NPN SILICON 100 VOLTS 200 WATTS
|
Motorola, Inc. ONSEMI[ON Semiconductor]
|
2SD1572 |
Silicon NPN Triple Diffused(涓???╂?NPN?朵?绠? 8 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
Hitachi,Ltd.
|
2SD2273 |
Silicon NPN triple diffusion planar type Darlington(For power amplification) 3 A, 80 V, NPN, Si, POWER TRANSISTOR
|
Panasonic, Corp.
|
2SC4892 |
Silicon NPN triple diffusion planar type(For power switching) 1 A, 800 V, NPN, Si, POWER TRANSISTOR
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
2SC2371 |
NPN Silicon Power Transistors 0.1 A, 300 V, NPN, Si, POWER TRANSISTOR, TO-126
|
Micro Commercial Components, Corp.
|
|