PART |
Description |
Maker |
BC847AF BC847BF BC847CF BC847F BC848BF BC846BF BC8 |
High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer 24-PDIP -55 to 125 High Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register 16-PDIP -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flop with Reset 16-SOIC -55 to 125 NPN general purpose transistors 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
http:// PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
BC857BF BC857AF BC858BF BC856BF BC857CF BC858CF BC |
PNP general purpose transistors 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Octal Positive-Edge Triggered D-Type Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic 8-Stage Synchronous Down Counters 16-SOIC -55 to 125 High Speed CMOS Logic Dual 4-Stage Binary Counter 14-SOIC -55 to 125
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BU4069F BU4069FV BU4069UB-E2 BU4069UBF-E2 BU4069UB |
4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14 High Voltage CMOS Logic ICs High Voltage CMOS Logic ICs Gate
|
http:// Rohm
|
CD4023BMS CD4012BMS CD4011BMS FN3079 CD4023B CD401 |
From old datasheet system CMOS NAND Gates NAND, 3-Input, Triple, Rad-Hard, CMOS, Logic NAND, 2-Input, Quad, Rad-Hard, CMOS, Logic NAND, 4-Input, Dual, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
BC846-BC850 Q62702-C1746 Q62702-C1772 Q62702-C1885 |
From old datasheet system NPN Silicon AF Transistors (For AF input stages and driver applications High current gain) High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
PLDC20RA10 PLDC20RA10-15JC PLDC20RA10-15PC PLDC20R |
Programmable Logic : Programmable Logic Devices Reprogrammable Asynchronous CMOS Logic Device
|
Cypress Semiconductor
|
BC848CLT1 BC850CLT1 BC846ALT1 BC846BLT1 BC847ALT1 |
General Purpose Transistors(NPN Silicon) High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-TSSOP -55 to 125 高速CMOS逻辑3/8线性反同相解码多路解复用器 TSSOP-16封装 工作温度55℃_125 High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer 24-SOIC -55 to 125 高速CMOS逻辑4/16位输出线性解码器/多路解复用器 SOIC-20封装 工作温度55℃_125 High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register 14-SOIC -55 to 125 通用晶体管(NPN硅) High Speed CMOS Logic Triple 3-Input NOR Gates 14-SOIC -55 to 125 高速CMOS逻辑三输入非门 SOIC-14封装 工作温度55℃_125
|
LRC[Leshan Radio Company] Leshan Radio Company, Ltd.
|
M4A3-256/128-7FANI M4A3-256/128-7FANC M4-192/96-14 |
EE PLD, 7.5 ns, PQFP100 LEAD FREE, TQFP-100 EE PLD, 7.5 ns, PQFP48 1.40 MM HEIGHT, LEAD FREE, TQFP-48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP44 EE PLD, 10 ns, PBGA256 LEAD FREE, FPBGA-256 EE PLD, 5 ns, PQFP48 1.40 MM HEIGHT, LEAD FREE, TQFP-48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP144 EE PLD, 6 ns, PQFP144 LEAD FREE, TQFP-144 EE PLD, 7.5 ns, PQFP144 LEAD FREE, TQFP-144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 5 ns, PQCC44 EE PLD, 7.5 ns, PQCC44 LEAD FREE, PLASTIC, LCC-44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 5 ns, PQFP48 MACH4 ISP EEPLD, SMD, TQFP100, 3.3V; Logic IC family:Programmable; Logic IC function:Programmable ISP; Voltage, supply:3.3V; Case style:TQFP / 100; Base number:4; I/O lines, No. of:64; Logic function number:M4; Macrocells, No. RoHS Compliant: Yes EE PLD, 12 ns, PQFP100
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
BU4093B/BF/BFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4011B/BF/BFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
|