PART |
Description |
Maker |
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M16C30L M16C30M8 M16C30MA M16C30MC M3030M8 M3030MA |
16-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP100 14 X 20 MM, 0.65 MM PITCH, PLASTIC, QFP-100 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16CMOS微机 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 (M30302Mx) Single-Chip 16-Bit CMOS Microcomputer
|
Renesas Electronics, Corp. Renesas Electronics Corporation. http://
|
LPC2194 LPC2194JBD64 |
Single-chip 32-bit micro with CAN Single-chip 16/32-bit microcontrollers 256 kB ISP/IAP Flash with 10-bit ADC and CAN
|
PHILIPS[Philips Semiconductors]
|
3850GROUP E3850G M38503E4SS M38503E4SP M38503E6-XX |
RAM size:2048 bytes; single-chip 8-bit microcomputer Single Chip 8-Bit CMOS Microcomputer From old datasheet system SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER RAM size:1536 bytes; single-chip 8-bit microcomputer
|
Mitsubishi Electric Corporation
|
UPD78F0034B UPD780023AY UPD780021AY UPD780022AY UP |
8 Bit Single Chip Microcontroller 8-BIT SINGLE-CHIP MICROCONTROLLERS 8-BIT, FLASH, 8.38 MHz, MICROCONTROLLER, PBGA73 9 X 9 MM, PLASTIC, FBGA-73
|
http:// NEC Corp. Electronic Theatre Controls, Inc.
|
LPC2157 LPC2158 LPC215709 LPC2157FBD100551 |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver, SOT407-1 (LQFP100), Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP100 Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
|
NXP Semiconductors N.V.
|
PCA80C31BH3-16P PCA80C31BH3-16WP PCB80C51BH-5H PCB |
10/100/1000 SECURE TERMNLSERV 8 PT RS232 RJ SFP/1250 EXT DIAGNOSTIC MM-850-LC, 500M, KPT45492-182 KPT07A12-10SW with pc contacts CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 12 MHz, MICROCONTROLLER, CDIP40
|
http:// Philips Semiconductors NXP Semiconductors N.V.
|
UPD78054GC-XXX-3B9 UPD78055GC-XXX-3B9 UPD78053GCA- |
8-BIT SINGLE-CHIP MICROCONTROLLER 8位微控制 8-BIT SINGLE-CHIP MICROCOMPUTER
|
NEC TOKIN America Inc. NEC TOKIN, Corp.
|
UPD70320 UPD70320GJ-5BG UPD70320GJ-8-5BG UPD70320L |
16/8-bit single-chip microcomputer V25TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER
|
NEC[NEC]
|
UPD70325 UPD70325GJ-10-5BG UPD70325GJ-8-5BG UPD703 |
16/8 bit single-chip microcomputer V25 TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER
|
NEC[NEC]
|