PART |
Description |
Maker |
JAN7805K JAN7805T JAN7815K JAN7815T SG7815AIG_DESC |
POSITIVE FIXED VOLTAGE REGULATOR Positive Fixed Linear Voltage Regulators THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, SFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, MBCY3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, MBFM2 SINGLEMODE FIBER PATCH CABLE, PLEM ST-SC 30M 15 V FIXED POSITIVE REGULATOR, CSFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 15 V FIXED POSITIVE REGULATOR, MBFM2 Circular Connector; No. of Contacts:23; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:16-99 RoHS Compliant: No JT 26C 26#20 SKT WALL RECP JT 55C 55#22D PIN PLUG JT 10C 10#20 SKT RECP JT 23C 21#20 2#16 SKT PLUG Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes JT 10C 10#20 PIN RECP From old datasheet system
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
MC78L05ABD MC78L05ABDG MC78L05ABPG MC78L05AC MC78L |
100mA, 5V, Positive Voltage Regulator 100mA, 15V, Positive Voltage Regulator 100mA, 12V, Positive Voltage Regulator 100mA, 8V, Positive Voltage Regulator 100mA, 24V, Positive Voltage Regulator 100mA, 9V, Positive Voltage Regulator 4.5V to 18V Input, Low Pin Count Synchronous Buck Controller with Power Good 10-SON -40 to 85 15 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 9 V FIXED POSITIVE REGULATOR, PDSO8 DIODE RECT 200V 200MA S-MINI 2P FIXED POSITIVE REGULATOR, PBCY3 1.6A, 1.25-MHz Buck Converter in a 3 mm SON Package 6-VSON -40 to 125 FIXED POSITIVE REGULATOR, PBCY3 1.6A, 1.25-MHz Buck Converter in a 3 mm SON Package 6-VSON -40 to 125 18 V FIXED POSITIVE REGULATOR, PBCY3 High Efficiency, Mid-Range Input, Synchronous Buck Controller with Voltage Feed Forward 16-HTSSOP -40 to 85 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GTS; No. of Contacts:6; Connector Shell Size:36; Connecting Termination:Solder; Body Style:Right Angle; Circular Contact Gender:Socket; Gender:Male Three-Terminal Low Current Positive Voltage Regulators
|
ONSEMI[ON Semiconductor] http://
|
EZ1583CM-2.5.TR EZ1580CM-2.5.TR EZ1581CM-2.5.TR EZ |
Analog IC 模拟IC 1.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 TO-263, 5 PIN Positive Adjustable Voltage Regulator 积极可调电压稳压 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 1.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5
|
Semtech, Corp. Vishay Beyschlag
|
MC78L05AA MC78L05AACP MC78L05ACD MC78L05ACH MC78L0 |
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS Search --To LM78L05ACZ 5.0 AMP POSITIVE VOLTAGE REGULATOR 12 V FIXED POSITIVE REGULATOR, PSSO3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 9 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PBCY3
|
FAIRCHILD[Fairchild Semiconductor] Fairchild semiconductors http:// Fairchild Semiconductor, Corp.
|
AN78L05 AN78L05M AN78L07 AN78L07M AN78L06M AN78L06 |
General-Purpose Linear IC - Voltage Regulater - 3-Pin Regulator AB 6C 2#8,4#16 SKT RECP Circular Connector Shell; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3100; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Gender:Male-Female Adapter 2.5GHz 45dB RF-Detecting Controllers 4 V FIXED POSITIVE REGULATOR, PSSO3 3-pin positive output voltage regulator (100 mA type) 12 V FIXED POSITIVE REGULATOR, PSSO3 3-pin positive output voltage regulator (100 mA type) 20 V FIXED POSITIVE REGULATOR, PBCY3 3-pin positive output voltage regulator (100 mA type) 18 V FIXED POSITIVE REGULATOR, PSSO3
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation Panasonic, Corp.
|
SG7815AR-883B |
Positive Fixed Linear Voltage Regulators; Package: TO-66; VIN (V): 35; VDIFF (V): 35; IOUT (A): 1.5; VOUT (V): 15; 15 V FIXED POSITIVE REGULATOR, BFM2
|
Microsemi, Corp.
|
LD1086XX90 LD1086XX80 LD1086XX50 LD1086XX36 LD1086 |
9 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 1.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
|
STMicroelectronics ST Microelectronics
|
LT1085G LT1085GMD LT1085IG LT1085SMD LT1085IG-3.3 |
5.0 AMP POSITIVE VOLTAGE REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3 4-Bit Synchronous Up/Down Binary Counters 16-SOIC 0 to 70 12 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CBCC3 3 AMP POSITIVE VOLTAGE REGULATOR
|
TT electronics Semelab, Ltd. TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
IP78M12A-LCC4 IP78M12-LCC4 IP78M15A-LCC4 IP78M15-L |
0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,5V绋冲????剁?琛ㄨ创灏??)) Voltage Regulator 电压调节 0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE 15 V FIXED POSITIVE REGULATOR, CQCC18 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,15V稳压陶瓷表贴封装)) 0.5安培正电压稳压器在陶瓷表面贴装封装(0.5甲,15V的稳压器(陶瓷表贴封装) 0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE 5 V FIXED POSITIVE REGULATOR, CQCC18 Power Resistor; Series:TWW; Resistance:15ohm; Resistance Tolerance: /- 5 %; Power Rating:5W; Voltage Rating:350V; Temperature Coefficient:400ppm/ C 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,12V稳压陶瓷表贴封装)) 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,5V稳压陶瓷表贴封装)) 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,12V绋冲????剁?琛ㄨ创灏??))
|
Honeywell International, Inc. TT electronics Semelab, Ltd. TT electronics Semelab Limited Semelab(Magnatec) SEME-LAB[Seme LAB] SEMELAB LTD
|
OM7815SM OM7812SM OM7805SM |
SURFACE MOUNT POSITIVE FIXED VOLTAGE REGULATOR Hi-Rel Fixed Voltage 3-Terminal Positive Regulator
|
List of Unclassifed Manufacturers ETC[ETC] International Rectifier
|
KD1083D2T-R KD1083D2T30R |
3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2 7.5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
|
STMICROELECTRONICS ST Microelectronics
|
MC33275DT-3.0 MC33275DT-2.5G MC33275ST-3.0T3G MC33 |
300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 DualCool? N-Channel NexFET? Power MOSFET 8-SON -55 to 150
|
ON Semiconductor
|