PART |
Description |
Maker |
STS4DPF20L 8006 |
DUAL P-CHANNEL 20V - 0.07 OHM - 4A SO-8 STRIPFET POWER MOSFET DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET⑩ POWER MOSFET From old datasheet system DUAL P-CHANNEL 20V - 0.07 OHM - 4A SO-8 STRIPFET POWER MOSFET Dual P-CHANNEL POWER MOSFET DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFETPOWER MOSFET 双P沟道20V 0.07欧姆- 4A条的SO - 8 STripFET⑩功率MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
ITF87072DK8T FN4812 |
6A, 20V, 0.037 Ohm, Dual P-Channel,2.5V Specified Power MOSFET(6A, 20V, 0.037Ω双组 P沟道2.5V专用功率MOS场效应管) From old datasheet system 6A, 20V, 0.037 Ohm, Dual P-Channel, 2.5V Specified Power MOSFET
|
Intersil Corporation
|
STS2DPF20V |
DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFET II POWER MOSFET 2 A, 20 V, 0.25 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFETII POWER MOSFET DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFET⑩ II POWER MOSFET DUAL P-CHANNEL 20V 0.014 OHM 2A SO-8 2.7V-DRIVE STRIPFET II POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STS2DPFS20V 2DPFS20V |
P-CHANNEL 20V - 0.14 OHM - 2.5A SO-8 2.7V DRIVE STRIPFET II MOSFET PLUS SCHOTTKY DIODE P-CHANNEL 20V - 0.14 ohm - 2.5A SO-8 2.7V-DRIVE STripFETII MOSFET PLUS SCHOTTKY DIODE P-CHANNEL 20V - 0.14 OHM - 2.5A SO-8 2.7V DRIVE STRIPFET II MOSFET PLUS SCHOTTKY DIODE P-CHANNEL 20V - 0.14 ohm - 2.5A SO-8 2.7V-DRIVE STripFET⑩ II MOSFET PLUS SCHOTTKY DIODE P-CHANNEL 20V - 0.14 ohm - 2.5A SO-8 2.7V-DRIVE STripFET II MOSFET PLUS SCHOTTKY DIODE
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STD40NF02L STD40NF02LT4 |
20 A, 20 V, 0.019 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA N-CHANNEL 20V - 0.0095 OHM - 40A DPAK LOW GATE CHARGE STRIPFET POWER MOSFET
|
STMICROELECTRONICS ST Microelectronics
|
IRLR3714PBF IRLU3714PBF IRLR3714TRRPBF IRLR3714TRP |
High Frequency Isolated DC-DC HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20mヘ , ID = 36A ) HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20m楼? , ID = 36A ) HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20mΩ , ID = 36A ) 30 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA 30 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
International Rectifier
|
ZXMN2A02N8_07 ZXMN2A02N8 ZXMN2A02N8TA ZXMN2A02N8TC |
20V N-CHANNEL ENHANCEMENT MODE MOSFET 8.3 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET 8.3 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET SOIC-8
|
Zetex Semiconductor PLC Diodes, Inc. Diodes Incorporated ZETEX[Zetex Semiconductors]
|
S5DNF20V STS5DNF20V06 STS5DNF20V |
N-channel 20V - 0.030 ohm- 5A SO-8 2.7V - drive STripFET TM II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STS6NF20V |
N-CHANNEL 20V 0.030 OHM 6A SO-8 2.7V-DRIVE STRIPFET II POWER MOSFET
|
SGS Thomson Microelectronics
|
ITF87052SVT FN4800 |
3A, 20V, 0.115 Ohm, P-Channel, 2.5V Specified Power MOSFET From old datasheet system
|
Intersil
|
STT5NF20V |
N-CHANNEL 20V - 0.030 ohm - 5A SOT23-6L 2.7V-DRIVE STripFET⑩ II POWER MOSFET
|
STMicroelectronics
|
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|