PART |
Description |
Maker |
FCP25N60N |
N-Channel SupreMOSMOSFET 600V, 25A, 125m N-Channel SupreMOS? MOSFET 600 V, 25 A, 125 mΩ
|
Fairchild Semiconductor Diodes Incorporated
|
FCH25N60N |
N-Channel SupreMOSMOSFET 600V, 25A, 126m
|
Fairchild Semiconductor
|
20CTQ150TRRPBF 20CTQ150 20CTQ150-1 20CTQ150-1PBF 2 |
SCHOTTKYRECTIFIER SSR IO 230V 25A 4.5-32 VDC LED SSR ZS 600V 25A 4.5-32 VDC LED RoHS Compliant: Yes SCHOTTKY RECTIFIER 肖特基整流器
|
IRF[International Rectifier] InternationalRectifier Vishay Semiconductors International Rectifier, Corp.
|
BCR25FM-12LBBB0 BCR25FM-12LBA8BB0 |
600V - 25A - Triac Medium Power Use
|
Renesas Electronics Corporation
|
STGB3NB60SD STGB3NB60SDT4 |
N-CHANNEL 3A - 600V D2PAK Power MESHIGBT N沟道3A 600V的D2PAK封装IGBT的电力网格⑩ Transient Surge Protection Thyristor; Package/Case:6-SOIC; Current, It av:2.2A; Reel Quantity:1500; Capacitance:100pF; Forward Current:5A; Forward Voltage:12V; Holding Current:100uA; Mounting Type:Surface Mount N沟道3A 600V的IGBT的采用D2PAK POWERMESH N-CHANNEL 3A - 600V D2PAK Power MESH IGBT N-CHANNEL 3A - 600V D2PAK POWERMESH IGBT N-CHANNEL 3A - 600V D2PAK Power MESH⑩ IGBT
|
ST Microelectronics STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
IRG4PC40KD IRG4PC40KDPBF |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.1V, @Vge=15V, Ic=25A) 绝缘栅双极型晶体管,超快软恢复二极管(VCES和\u003d 600V电压的Vce(on)典\u003d 2.1V的电压,@和VGE \u003d 15V的,集成电路\u003d 25A条) 600V UltraFast 8-25 kHz Copack IGBT in a TO-247AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
FQD3N60CTMWS FQU3N60C |
N-Channel QFETMOSFET 600V, 2.4A, 3.4 N-Channel QFET® MOSFET 600V, 2.4A, 3.4Ohms
|
Fairchild Semiconductor
|
FCPF22N60NT FCP22N60N |
N-Channel MOSFET 600V, 22A, 0.165W 600V N-Channel MOSFET, SupreMOS™; 3-TO-220 22 A, 600 V, 0.165 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp.
|
FQI5N60C FQB5N60C FQB5N60CTM |
600V N-Channel MOSFET 4.5 A, 600 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET 600V N-Channel Advance QFET C-Series
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HGTP20N60A4 HGTG20N60A4 FN4781 |
600V/ SMPS Series N-Channel IGBTs 600V/ SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600V, SMPS Series N-Channel IGBTs From old datasheet system
|
INTERSIL[Intersil Corporation]
|
FQI8N60C FQB8N60C FQB8N60CTM |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|