PART |
Description |
Maker |
PS2561L1-1-V PS2561-2 PS2561-2-V PS2561L-1- PS2561 |
High Isolation Voltage Single Transistor Type photocoupler(高隔离电压晶体管输出光电隔离 高隔离电压单晶体管类型光耦合器(高隔离电压晶体管输出光电隔离器) High Isolation Voltage Single Transistor Type Photocoupler(高隔离电压晶体管输出光光隔离器) 高隔离电压单管式光电耦合器(高隔离电压晶体管输出光光隔离器 Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Orange; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
|
NEC, Corp. NEC Corp. NEC[NEC]
|
PS2501AL-1-E3-W-A PS2501AL-1-E3-H-A PS2501AL-1-E3- |
HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
|
Duracell California Eastern Labs
|
PS2806-4-F3-A PS2806-1-A PS2806-1-F4 PS2806-1-F4-A |
HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
|
Duracell California Eastern Labs
|
PS2801-1-F3-A PS2801-4-V-F4 PS2801-1-V-F3 PS2801-1 |
nullHIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE
|
California Eastern Labs
|
HCPL-7800AOPTION300 HCPL-7800BOPTION300 HCPL-7800A |
ISOLATION AMPLIFIER, 3750 V ISOLATION-MIN, 85 kHz BAND WIDTH, PDSO8 High CMR Isolation Amplifiers 高CMR隔离放大
|
Amphenol, Corp. Agilent Technologies, Inc. Avago Technologies, Ltd.
|
BYT52A BYT52M BYT52 BYT52B BYT52D BYT52G BYT52J BY |
INNOLINE: RP75-xxxxSB - Single Outputs up to 25A; Input/Output 1.6kVDC Isolation; Adjustable Output Voltage; No Minimum Load; Under -Voltage Lockout - Adjustable Output Voltage, Independently Regulated Outputs- No Minimum Load- Industry Standard Footprint- Halt Tested- Compact 61.0 x INNOLINE: RP75-S_DI - Single Output up to 20A Dual Outputs Total Current up to 15A up to 100% Load Imblance- Input/Output 1.6kVDC Isolation Fast Silicon Mesa Rectifiers From old datasheet system
|
Vishay Intertechnology,Inc. Vishay Telefunken Vishay Siliconix
|
MA32032 |
High isolation X-Band single pole single throw RF waveguide switch, without driver
|
Communications & Power Industries, Inc.
|
PS2513L-1-A PS2513L-1-E3-A PS2513L-1-F3-A PS2513-1 |
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
|
Duracell California Eastern Labs
|
2SC4478 |
Ouputs from a Single Supply; 2:1 Wide Range Voltage Input; 3kVDC Isolation; UL94V-0 Package Material; Continuous Short Circuit Protection; Low profile High-Definition CRT Display Horizontal Deflection Output Applications
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
PS2532L-2-V-E4-A PS2532L-1-F3-A PS2532L-1-V-E3-A P |
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES 高集电极到发射极VOLTATGE高隔离电压多功能光电耦合器系
|
California Eastern Laboratories, Inc.
|