PART |
Description |
Maker |
PCF80C552-5-24WP/07 PCB80C552-5-16WP/07 P83C552KBB |
Single-chip 8-bit microcontroller IC-SM-8-BIT CPU MICROCONTROLLER|8-BIT|8051 CPU|CMOS|QFP|80PIN|PLASTIC MICROCONTROLLER|8-BIT|8051 CPU|CMOS|LDCC|68PIN|PLASTIC IC-SM-CPU 集成电路钐的CPU
|
NXP Semiconductors N.V.
|
EP6700-1 EP6700-10 EP6700-11 EP6700-12 EP6700-14 E |
14 Pin Single-in-Line Package Passive Delay Lines CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-MSOP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-MSOP CPU Supervisor with NOVRAM and Output Ports; Temperature Range: -40°C to 85°C; Package: 20-TSSOP RTC Module With CPU Supervisor
|
PCA ELECTRONICS INC.
|
ST62E30BF1 ST6230BM1/XXX ST62P30BM3/XXX ST62P30BM6 |
MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|DIP|28PIN|CERAMIC MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|SOP|28PIN|PLASTIC IC, 60FBGA, 512MBIT DDR DRAM 60 PIN BGA 32MBX16 MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|DIP|28PIN|PLASTIC IC, MEM, SDRAM DDR166, 32 MEG X 16, 16 BIT, 6NS, 2.5V, FBGA60 单片机| 8位| ST6200的CPU |的CMOS |专科| 28脚|塑料
|
Black Box, Corp.
|
EP910ILI-12 EP910LC-30T EP910LI-35 EP910PI-35 EP91 |
CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 14-TSSOP UV-Erasable/OTP PLD CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP RTC Module With CPU Supervisor 时钟模块CPU监控
|
Rochester Electronics, LLC
|
PIC16LC74A-04/JW PIC16LC74A-04E/P PIC16LC74A-04I/J |
8-BIT, MROM, 4 MHz, RISC MICROCONTROLLER, PDSO28 MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|40PIN|CERAMIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|40PIN|PLASTIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|QFP|44PIN|PLASTIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|LDCC|44PIN|PLASTIC Low Loss PowerPath Controller in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C MICROCONTROLLER|8-BIT|PIC CPU|CMOS|TQFP|44PIN|PLASTIC (PIC16LC7X) 8-Bit CMOS Microcontrollers 8-BIT, OTPROM, 10 MHz, RISC MICROCONTROLLER, PDSO28 8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PDIP40 8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PQFP44 PIC16C72/73/73A/74/74A/76/77 Datasheet 8-BIT, MROM, 4 MHz, RISC MICROCONTROLLER, PQFP44 10 X 10 MM, PLASTIC, MQFP-44
|
Microchip Technology, Inc.
|
PCM-3372 PCM-3372F-J0A1E PCM-3372F-M0A1E PCM-3372F |
VIA Eden垄芒 (V4) CX700 PC/104-Plus CPU Module VIA Eden (V4) CX700 PC/104-Plus CPU Module
|
Advantech Co., Ltd.
|
UPD75P0016 UPD75P0016CU UPD75P0016GB-3BS-MTX |
From old datasheet system MICROCONTROLLER,4-BIT,UPD75XL CPU,CMOS,SDIP,42PIN,PLASTIC MICROCONTROLLER,4-BIT,UPD75XL CPU,CMOS,QFP,44PIN,PLASTIC 4-BIT SINGLE-CHIP MICROCONTROLLER
|
NEC[NEC] NEC Electron Devices
|
UPD703107AF1-XXX-EN4 UPD703107AGJA-XXX-UEN UPD7031 |
MICROCONTROLLER|32-BIT|V850 CPU|CMOS|QFP|144PIN|PLASTIC MICROCONTROLLER|32-BIT|V850 CPU|CMOS|BGA|161PIN|PLASTIC 单片机| 32位|位V850的CPU |的CMOS | BGA封装| 161PIN |塑料 32-BIT, MROM, 50 MHz, MICROCONTROLLER, PBGA161
|
Panduit, Corp.
|
CE-B1476 |
Half Half-size 486 ISA size 486 ISA-bus CPU Card bus CPU Card with 8M on with 8M on-board DRAM/ VGA/LCD and D.O.C. board DRAM/ VGA/LCD and D.O.C. Half Half-size 486 ISA size 486 ISA-bus CPU Card bus CPU Card with 8M on with 8M on-board DRAM, VGA/LCD and D.O.C. board DRAM, VGA/LCD and D.O.C. 一半大小的ISA 486尺寸486 ISA总线CPU卡总线的CPU卡,800万与800万板上内存,显卡/液晶显示板的DRAM和DOC,显液晶显示器和DOC
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
PCM-9581Z2-S1A1E PCM-9581Z2-S4A1E PCM-9581FG-00A1E |
Onboard Intel垄莽 Pentium垄莽 M CPU 5.25" SBC with LAN/LVDS/VGA/Audio/6 x USB 2.0/4 x COM/Wide Temperature Onboard Intel庐 Pentium庐 M CPU 5.25" SBC with LAN/LVDS/VGA/Audio/6 x USB 2.0/4 x COM/Wide Temperature Onboard Intel? Pentium? M CPU 5.25 SBC with LAN/LVDS/VGA/Audio/6 x USB 2.0/4 x COM/Wide Temperature
|
Advantech Co., Ltd.
|