PART |
Description |
Maker |
CR12-120 CR12-010 CR16-020 CR12-020 CR20-040 CR16- |
Rectifiers, General Purpose 12 A, 1200 V, SILICON, RECTIFIER DIODE, DO-4 Rectifiers, General Purpose 12 A, 100 V, SILICON, RECTIFIER DIODE, DO-4 Rectifiers, General Purpose 16 A, 200 V, SILICON, RECTIFIER DIODE, DO-4 Rectifiers, General Purpose 12 A, 200 V, SILICON, RECTIFIER DIODE, DO-4 Rectifiers, General Purpose 20 A, 400 V, SILICON, RECTIFIER DIODE, DO-4 Rectifiers, General Purpose 16 A, 100 V, SILICON, RECTIFIER DIODE, DO-4 Rectifiers, General Purpose 12 A, 800 V, SILICON, RECTIFIER DIODE, DO-4 Rectifiers, General Purpose 12 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4 16 A, 600 V, SILICON, RECTIFIER DIODE, DO-4 16 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4
|
Central Semiconductor, Corp. Vishay Intertechnology, Inc. CENTRAL SEMICONDUCTOR CORP
|
DCR03B |
TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 200 to 600 Volts
|
DCCOM[Dc Components]
|
SF18 SF12-AP SF12-BP SF14-AP SF16-AP |
1.0 Amp Super Fast Recovery Rectifiers 50 to 600 Volts 1 A, 100 V, SILICON, SIGNAL DIODE, DO-41 1 A, 200 V, SILICON, SIGNAL DIODE, DO-41 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41
|
Micro Commercial Components
|
B500C5000-3300 B40C5000-3300 B125C5000-3300 B250C5 |
Silicon-Bridge Rectifiers 4 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE Silicon-Bridge Rectifiers 4 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
SEMIKRON[Semikron International]
|
EGP10GT50A EGP10JT50A EGP10KT50R EGP10D EGP10B |
Fast Rectifiers (Glass Passivated) 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41 1 A, 600 V, SILICON, SIGNAL DIODE, DO-41 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41
|
FAIRCHILD SEMICONDUCTOR CORP
|
HS18 HS17 HS16 |
HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V) 高效率整流二极管(安600 - 1000V交流 HIGH EFFICIENCY RECTIFIERS(1.0A/600-1000V)
|
Mospec Semiconductor, Corp. MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
B500C5000-3000 B40C5000-3000 B125C5000-3000 B250C5 |
Silicon-Bridge Rectifiers 3.5 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE Silicon-Bridge Rectifiers 3.5 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE Silicon-Bridge Rectifiers 3.5 A, 80 V, SILICON, BRIDGE RECTIFIER DIODE
|
SEMIKRON[Semikron International] http://
|
SMBJ5V0 SMBJ7.0A SMBJ5.0A SMBJ6.0A SMBJ90A SMBJ100 |
DEVICES FOR BIPOLAR APPLICATIONS 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:17V)(600W瞬变电压抑制反向隔离电压17V 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:9.0V)(600W瞬变电压抑制反向隔离电压9.0V 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:8.0V)(600W瞬变电压抑制反向隔离电压8.0V 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:7.5V)(600W瞬变电压抑制反向隔离电压7.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:6.5V)(600W瞬变电压抑制反向隔离电压6.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:6.0V)(600W瞬变电压抑制反向隔离电压6.0V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:8.5V)(600W瞬变电压抑制反向隔离电压8.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:22V)(600W瞬变电压抑制反向隔离电压2V 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
P6KE20A P6KE P6KE200 P6KE18 P6KE100A P6KE82 P6KE33 |
GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE) 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Power Amplifier Driver 32-VQFN -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Wireless 27MHz Dual receiver 28-TSSOP -40 to 85 TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W
|
RECTRON[Rectron Semiconductor] Shanghai Sunrise Electronics
|
P6SMB6.8AT3 P6SMB130AT3 |
600 Watt Peak Power Zener Transient Voltage Suppressors(峰值功00W,齐纳TVS) 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
ON Semiconductor
|
C106DG C106M1G C106D1G C106MG C106 C106M1 C106B C1 |
From old datasheet system Voltage Ranges; 1kVDC, 2kVDC & 3kVDC Isolation; UL94V-0 Package Material; Continuous Short Circuit Protection; Low Ripple and Noise; Remote On/Off Sensitive Gate Silicon Controlled Rectifiers 4 A, 600 V, SCR, TO-225AA
|
http:// ONSEMI[ON Semiconductor]
|
|