PART |
Description |
Maker |
ST72141K2-AUTO |
8-bit MCU for automotive with electric-motor control, ADC, 16-bit timers, SPI interface
|
STMicroelectronics
|
SPC560D30L1B4E0X SPC560D30L3B4E0X SPC560D40L1B4E0X |
32-bit MCU family built on the Power Architecture for automotive body electronics applications 32-bit Power Architecture MCU for Automotive Body and Gateway Applications
|
STMicroelectronics ST Microelectronics
|
STM8AF6146 STM8AF6166 STM8AF6126 STM8AF6148 STM8AF |
Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
|
STMicroelectronics
|
STM8AQ6X23TAY STM8AQ6X26TAY STM8AQ6X27TAY STM8AQ6X |
Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
|
STMicroelectronics
|
STM8AF51XX STM8H61XX STM8AF6X86TAY STM8AP6X86TAY S |
Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
|
STMicroelectronics
|
UAA2067GB-S |
8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 收发器电路电
|
NXP Semiconductors N.V.
|
UAA2080TD |
3.3V range 8-bit MCU for automotive with 16/32 Kbyte Flash or 16 Kbyte ROM, 10-bit ADC, 4 timers, SPI and SCI interfaces 询价/ FSK信号解调
|
ALPS Electric Co., Ltd.
|
STM8AH51A8 STM8AH51AA |
Automotive 8-bit MCU
|
STMicroelectronics
|
ST72F324BK6TCS ST72F324BK6TCTXS ST72F324BK6TAS ST7 |
8-bit MCU for automotive, 3.8 to 5.5V operating range with 32 Kbyte Flash, 10-bit ADC, 4 timers, SPI, SCI 8-bit MCU for automotive, 3.8 to 5.5V operating range with 16 Kbyte Flash, 10-bit ADC, 4 timers, SPI, SCI 8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 Kbyte Flash, 10-bit ADC, 4 timers, SPI, SCI 8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 Kbyte Flash, 10-bit ADC, 4 timers, SPI, SCI
|
ST Microelectronics
|
AS5163 AS5163HTSU |
12 BIT AUTOMOTIVE Angle Position Sensor
|
austriamicrosystems AG
|
DS2431-A1 |
1024-Bit, 1-Wire EEPROM for Automotive Applications
|
Maxim Integrated Products, Inc.
|
SPC564A74L7CFAY SPC564A74B4CFAY SPC564A80B4CFAY SP |
32-bit Power Architecture MCU for Automotive Powertrain Applications
|
ST Microelectronics
|
|