PART |
Description |
Maker |
MAX4641 MAX4641EGA MAX4641EUA MAX4642 MAX4642EGA M |
High-Speed, Low-Voltage, 4? Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4, Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4з, Dual SPST CMOS Analog Switches High-Speed / Low-Voltage / 4 / Dual SPST CMOS Analog Switches High-Speed.Low-Voltage.4<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Dual SPST CMOS Analog Switches 高速,低电压,4з双通道SPST CMOS模拟开 High-Speed, Low-Voltage, 4蟹, Dual SPST CMOS Analog Switches
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX664 MAX664CPA MAX664CSA MAX664EPA MAX664ESA MAX |
Dual Mode?5V/Programmable Vicropower Voltage Regulators Dual Mode??5V/Programmable Vicropower Voltage Regulators Dual Mode5V/Programmable Vicropower Voltage Regulators FIXED/ADJUSTABLE NEGATIVE REGULATOR, CDIP8 3-Line To 8-Line Decoder/Demultiplexer 16-CDIP 3-Line To 8-Line Decoder/Demultiplexer 20-LCCC 4-Bit Binary Counter 14-CDIP -55 to 125 4-Bit Binary Counter 14-CFP -55 to 125 Dual Mode⑩ 5V/Programmable Vicropower Voltage Regulators Dual Mode 5V/Programmable Vicropower Voltage Regulators Dual Mode?/a> 5V/Programmable Vicropower Voltage Regulators
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LM2903 LM39306 NCV2903DMR2G NCV2903DR2G LM2903D LM |
Low Offset Voltage Dual Comparators Low Offset Voltage Dual Comparators DUAL COMPARATOR, 15000 uV OFFSET-MAX, 1500 ns RESPONSE TIME, PDSO8 Low Offset Voltage Dual Comparators(浣?け璋?????2姣????
|
http:// ONSEMI[ON Semiconductor] Unisonic Technologies
|
MAX532 MAX532ACPE MAX532ACWE MAX532AEPE MAX532AEWE |
Dual, Serial Input, Voltage-Output, Multiplying, 12-Bit DAC Dual, Serial-Input, Voltage-Output, 12-Bit MDAC Dual, Serial-Input,
Voltage-Output, 12-Bit MDAC Dual / Serial-Input / Voltage-Output / 12-Bit MDAC Single Universal Serial Bus Port Transient Suppressor 6-SOT-23 -40 to 85
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX6826 MAX6827 MAX6828 MAX6829 MAX6831 MAX6830 MA |
Vcc1: 3.3 V, Vcc2: 1.2 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer Vcc1: 3.3 V, Vcc2: 1.5 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer 2.63 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer Dual Ultra-Low-Voltage SOT23 μP Supervisors with Manual Reset and Watchdog Timer Dual Ultra-Low-Voltage SOT23 レP Supervisors with Manual Reset and Watchdog Timer Dual Ultra-Low-Voltage SOT23 P Supervisors with Manual Reset and Watchdog Timer 低电压、双电源监控复位电路 From old datasheet system 16-Bit Shift Registers 28-LCCC -55 to 125 4-By-4 Register Files With 3-State Outputs 16-CDIP -55 to 125 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO6 SOT-23, 6 PIN Dual, Ultra-Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO6 2.32 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer Vcc1:1.8 V, Vcc2: 1.5 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
P6LU-243R3ZH40 P6LU P6LU-0505ZH40 P6LU-0512ZH40 P6 |
Input voltage:24V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-15V ( /-34mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-3.3V ( /-150mA), 4KV isolated 1W unregulated dual output 4KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7 4kV的隔1W的未稳压双输出SIP7
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
FXLA0104 FXLA0104QFX |
Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels,
|
Fairchild Semiconductor
|
FXLA108BQX12 FXLA10812 |
Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
|
Fairchild Semiconductor
|
CMLD6263 |
SMD Schottky Diode Dual: High Voltage: Same Polarity SURFACE MOUNT PICOmini DUAL, ISOLATED HIGH VOLTAGE SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
AD5313 AD5323 AD5303 AD5303BRU AD5313BRU AD5323BRU |
2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 12-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 8-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 10-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V 230 uA Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs 2.5V to 5.5V, Dual Rail-to-Rail, Voltage Output 810/12-Bit DACs
|
AD[Analog Devices]
|
SPT9689 SPT9689ACU SPT9689AIC SPT9689AIP SPT9689BC |
Dual Ultra-Fast Voltage Comparator DUAL ULTRAFAST VOLTAGE COMPARATOR
|
FAIRCHILD[Fairchild Semiconductor]
|
SA575DR2 SA575 SA575N SA575D SA575DR2G SA575DTB SA |
Low Voltage, Precision Dual Gain Control Compandor; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 DUAL COMPANDER, 0.02 MHz BAND WIDTH, PDSO20 Low Voltage Compandor
|
Rectron Semiconductor ONSEMI[ON Semiconductor]
|