PART |
Description |
Maker |
MCP18480 |
The MCP18480 is a –48V Hot Swap Controller with fully configurable features. This Hot Swap Controller have OVLO, UVLO protection features on top of Foldback Current Limiting and Circuit Breaker features. Although ideally suited optic -48V Hot Swap Controller
|
MICROCHIP[Microchip Technology]
|
MC145053D |
-48V Hot Swap Controller 8-MSOP -40 to 85
|
Motorola, Inc.
|
MAX5920CESAT MAX5920FESA-T |
-48V Hot-Swap Controller with External RSENSE 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AM27C800-120DC AM27C800-120DCB AM27C800-120DE AM27 |
Hot Swappable 2-Wire Bus Buffers; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C x8/x16存储 x8/x16 EPROM x8/x16存储 Dual Hot Swap Controller/Power Sequencer with Dual Speed, Dual Level Fault Protection; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C x8/x16存储 -48V Hot Swap Controller with Sequencer; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C x8/x16存储 Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C x8/x16存储 Negative Voltage Hot Swap Controllers; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C x8/x16存储 x8/x16EPROM
|
Advanced Micro Devices, Inc. Molex, Inc. Rochester Electronics, LLC 3M Company Macronix International Co., Ltd. Analog Integrations, Corp. Analog Devices, Inc.
|
X24042 X24042P X24042P-2.7 X24042P-3 X24042PI X240 |
4K (512 x 8bit) serial E2PROM Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active High
|
XICOR[Xicor Inc.]
|
MAX5936 MAX5936AA MAX5936AB MAX5936AC MAX5936ESA M |
-48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
|
MAXIM[Maxim Integrated Products]
|
MAX5936LAESA |
-48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
|
MAXIM - Dallas Semiconductor
|
ADM1172 ADM1172-2AUJZ-RL7 ADM1172-1AUJZ-RL7 |
2.7 V to 16.5 V Hot Swap Controller with Power-Good Comparator 2.7 V to 16.5 V Hot Swap Controller with Power-Fail Comparator
|
Analog Devices
|
LTC4215CUFD-1TR LTC4215CUFD-1PBF LTC4215IUFD-1TR L |
Hot Swap Controller with I2C Compatible Monitoring; Package: QFN; No of Pins: 24; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC24 Hot Swap Controller with I2C Compatible Monitoring
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MAX5900 MAX5901 MAX5901LBEUT-T MAX5900LBEUT-T |
-100V SOT23 Simple Swapper Hot-Swap Controllers 100 V, SOT23 simple swapper hot-swap controller
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC4218CDHC-12-PBF LTC4218CDHC-12-TRPBF LTC4218CGN |
Hot Swap Controller
|
Linear Technology
|
ADM1070ART ADM1070 |
-48 V Hot Swap Controller
|
AD[Analog Devices]
|