PART |
Description |
Maker |
LTC1909-8 LTC1909-8EG |
Wide Operating Range, No R Wide Operating Range,No RSENSE TM Step-Down DC/DC Controller with SMBus Programming
|
Linear Technology
|
LTC3714 LTC3714EG |
Wide Operating Range / Step-Down Controller with Internal Op Amp Intel Compatible, Wide Operating Range, Step-Down Controller with Internal Op Amp
|
Linear Technology http://
|
LTC3879 |
Wide Operating Range No RSENSE Step-Down Controller
|
Linear Technology Corporation
|
LTC1778-1 |
Wide Operating Range/ No RSENSE Step-Down Controller Wide Operating Range, No RSENSE Step-Down Controller
|
Linear Technology Corporation
|
LTC3878 |
Wide Operating Range No RSENSE Step-Down Controller
|
Linear Technology Corporation
|
LTC3778 3778I |
Wide Operating Range, Step-Down Controller From old datasheet system
|
Linear
|
LTC1909-8-15 |
Wide Operating Range, No RSENSE Step-Down DC/DC Controller with SMBus Programming
|
Linear Technology
|
OCO-SM14H |
Through hole OCXO Wide operating temperature range from -40 up to 85 °C
|
QUARTZCOM the communications company
|
OCO-M36AH OCO-M36AH12 OCO-M36AH5 |
Through hole OCXO HCMOS Wide operating temperature range: -40 up to 85 °C
|
QUARTZCOM the communications company
|
LTC4222 LTC1422 LTC1421 LTC4210 LTC4211 LTC1647 LT |
Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
|
Linear Technology
|
R1LP0408C R1LP0408CSB-5SI R1LP0408CSB-7LI R1LP0408 |
Wide Temperature Range Version 4 M SRAM (512-kword ??8-bit) R1LP0408C-I Series Datasheet 78K/AUG.01.03 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 】 8-bit) Memory>Low Power SRAM
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor] Renesas
|