PART |
Description |
Maker |
L9312 |
Line Interface and Line Access Circuit,Forward Battery SLIC, and Ringing Relay for TR-57 Applications(应用于TR-57的线接口和线存取电路、正向电池用户接口和振铃继电
|
Lineage Power
|
LUCL9311GP0DT L9311 LUCL9311AP-D LUCL9311AP-DT LUC |
Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance, Ringing Relay,and GR-909 Test Access Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance/ Ringing Relay/and GR-909 Test Access
|
AGERE[Agere Systems]
|
LUCL9310AP-D LUCL9310GP-D LUCL9310GP-DT |
Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device Top Entry Connector Hood; Enclosure Material:Aluminum Alloy; For Use With:C146 Rectangular Circular Connectors; Thread Size:PG 21; Connecting Termination:Screw; Gender:Male; No. of Contacts:16; Operating Voltage:400V; Series:C-146 RoHS Compliant: Yes
|
http://
|
ST952TQF7 ST952 5958 |
From old datasheet system D.A.A.LINE INTERFACE D.A.A. LINE INTERFACE D.A.A. LINE INTERFACE
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
XE0020C |
Telephone line interface with active line monitoring.
|
XECOM
|
ACT-S512K8N-025F4Q ACT-S512K8N-025F4C ACT-S512K8N- |
IpSec Security Processor Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-SOIC 0 to 70 Dual 2-Line to 4-Line Decoders/Demultiplexers with Open-Collector Outputs 16-SO 0 to 70 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-PDIP 0 to 70 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-SO 0 to 70 NAMEPLATE, YEL; Colour:Yellow Name Plate RoHS Compliant: Yes ACT-S512K8 High Speed 4 Megabit Monolithic SRAM 行为S512K8高速SRAM兆位单片 512K X 8 CACHE SRAM, 35 ns, CDSO36 0.435 X 0.920 INCH, 0.184 INCH HEIGHT, HERMETIC SEALED, CERAMIC, SOJ-36
|
Aeroflex Inc. Aeroflex, Inc.
|
HEDL-550 HEDL-5500-A02 HEDL-5500-A06 HEDL-5500-E06 |
Encoder Line Drivers 编码器线驱动 Quad PCI Express, Hot-Plug Controllers Triple PCI Express, Hot-Plug Controllers 240 x 64 pixel format, CFL, LED, or EL Backlight available HEDL-5500#A02 · Encoder Line Drivers HEDL-5505#A06 · Encoder Line Drivers HEDL-5540#A01 · Encoder Line Drivers HEDL-9000#U00 · Encoder Line Drivers HEDL-9040#B00 · Encoder Line Drivers HEDL-9100#A00 · Encoder Line Drivers HEDL-9140#A00 · Encoder Line Drivers HEDL-5600#A06 · Encoder Line Drivers HEDL-5605#A06 · Encoder Line Drivers HEDL-5640#A06 · Encoder Line Drivers HEDL-5645#A06 · Encoder Line Drivers HEDL-5560#B02 · Encoder Line Drivers
|
DLP Design, Inc. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
CX28331 CX28332-3X CX28333-3X CX28333-1X CX28332-1 |
(CX28332 / CX28333) Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit E3/DS3/STS-1线路接口单元 Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit DATACOM, PCM TRANSCEIVER, PQFP100 Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit DATACOM, PCM TRANSCEIVER, PQFP80
|
Conexant Systems, Inc.
|
STK11C88-W45I STK11C88 STK11C88-N20 STK11C88-N20I |
3-Line to 8-Line Decoders/Demultiplexers 16-SOIC -40 to 85 32K的量子8非易失端粒酶的CMOS非易失静态RAM 32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM 32K的量子8非易失端粒酶的CMOS非易失静态RAM 3-Line to 8-Line Decoders/Demultiplexers 16-TSSOP -40 to 85
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] SIMTEK
|
NUF2900MNT1G NUF2900MN |
Two Line EMI Filter with ESD Protection for High Speed Data Interface 2 FUNCTIONS, DATA LINE FILTER
|
ON Semiconductor
|
CPC7592 CPC7592BATR CPC7592BBTR CPC7592BCTR CPC759 |
Line Card Access Switch
|
Clare, Inc.
|
ATTL7583BAJ-D ATTL7583BAJ-DT ATTL7583DAJ-DT ATTL75 |
Line Card Access Switch
|
AGERE[Agere Systems]
|